Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG01 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PLG01
Description  Low Noise Amplifier for GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLG01 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PLG01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.prewell.com
1
Low Noise Amplifier for GPS
SJM PREWELL
PLG01
Products and product information are subject to change without notice. Version 0.3
3
6
1
4
2
5
Parameters
Units
Frequency (MHz)
1250
1575
2450
S21
dB
31.9
28.9
22.0
S11
dB
-25.6
-20.3
-22.4
S22
dB
-23.2
-25.6
-17.1
P1dB
dBm
14.2
14.5
13.1
OIP32)
dBm
15.2
13.6
13.3
NF3)
dB
0.97
0.92
1.06
V/I
V/mA
3/8.8
Rth
°C/W
31
Description
The LNA is a high performance GaAs p-HEMT Amplifier. The
features are high linear performance, low noise figure, low power
consumption and high reliability. The LNA can be easily matched to
obtain optimum noise figure and gain. The LNA operates from a
single 3 voltage supply and has an internal active bias. The low noise
figure and high gain, coupled with low current consumption make it
suitable for use in critical low-power GPS application or during low-
batterysituations. Alldevicesare100% RFandDCtested.
Specifications
1) TestConditions :T=25°C, SupplyVoltage=3V, 50ohmSystem
2) OIP3measured withtwotonesatanoutput powerof-10dBm/tone separatedby1MHz.
3) NFincludestheEvaluation BoardLoss.
Absolute Maximum Ratings
Parameter
Rating
Unit
DeviceVoltage
8
V
DeviceCurrent
29
mA
RFPowerInput
20
dBm
StorageTemperature
-55to150
°C
AmbientOperatingTemperature
-40to85
°C
JunctionTemperature
185
°C
Features
•
1000 –2500 MHz
•
Gain 28.9dB @1575MHz
•
NF 0.92 dB@1575MHz
•
P1dB 14.5dBm @1575MHz
•
OIP3 13.6dBm @1575MHz
•
Lead-free/Green/
compliant SOT-363Package
Applications
•
High GainGPS(BEIDOU,
GLONASS,GALILEO)Receivers
•
ISMandWiMAX LNAs
•
WLAN
1) Operationofthisdeviceaboveanyoftheseparameters maycausepermanent damage.
2) MTTFismorethan 100years.
Functional Diagram
RF IN 3
RF OUT 6
Bias
GND
4
1,2,5
ESD/MSL
1
ESDsensitive device. Observe
handling precautions.
2 HBM:Class1C ,JS-001-2014
3 CDM:ClassC3,JESD22-C101F
4 MSL 3,J-STD-020


Similar Part No. - PLG01

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
Low Noise Amplifier for GPS
logo
Nichicon corporation
PLG0E182MCO1 NICHICON-PLG0E182MCO1 Datasheet
59Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLG0E182MCO1 NICHICON-PLG0E182MCO1 Datasheet
1Mb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PLG0E182MCO1 NICHICON-PLG0E182MCO1 Datasheet
889Kb / 2P
Radial Lead Type, Higher Capacitance
PLG0E222MDO1 NICHICON-PLG0E222MDO1 Datasheet
59Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - PLG01

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8211TK CEL-UPC8211TK_05 Datasheet
291Kb / 4P
SiGe LOW NOISE AMPLIFIER FOR GPS/MOBILE COMMUNICATIONS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
NXP Semiconductors
BGU7005 NXP-BGU7005 Datasheet
136Kb / 18P
SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 01-28 October 2009
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
logo
NXP Semiconductors
BGU7005 NXP-BGU7005_10 Datasheet
221Kb / 19P
SiGe:C Low Noise Amplifier MMIC for GPS
Rev. 02-4 March 2010
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
SiGe:C LOW NOISE AMPLIFIER FOR GPS
logo
SJM Prewell. All Rights...
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
GPS/GNSS Low-Noise Amplifier
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com