Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG01 Datasheet(PDF) 5 Page - SJM Prewell. All Rights Reserved.

Part # PLG01
Description  Low Noise Amplifier for GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLG01 Datasheet(HTML) 5 Page - SJM Prewell. All Rights Reserved.

  PLG01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
http://www.prewell.com
5
Low Noise Amplifier for GPS
SJM PREWELL
PLG01
Products and product information are subject to change without notice. Version 0.3
-16
-14
-12
-10
-8
-6
-4
-2
0
0
5
10
15
20
1575 MHz
Output power (dBm)
OIP3 Vs. Output Power
1400
1450
1500
1550
1600
1650
1700
1750
1800
0
5
10
15
20
25ºC
-40ºC
85ºC
Frequency (MHz)
OIP3 Vs. Frequency
-40
-35
-30
-25
-20
-15
-10
-5
-10
-5
0
5
10
15
20
25
30
35
Gain
Output Power
Input Power (dBm)
Output Power / Gain vs Input Power @ 1575MHz
OIP3 vs. Frequency
OIP3 vs. Output Power
0
1
2
3
4
5
6
0
5
10
15
20
25
30
25℃
Vd (V)
Id vs. Vd
Id vs. Vd
Output Power / Gain vs. Input Power @ 1575MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com