Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG01 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PLG01
Description  Low Noise Amplifier for GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLG01 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PLG01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
http://www.prewell.com
4
Low Noise Amplifier for GPS
SJM PREWELL
PLG01
Products and product information are subject to change without notice. Version 0.3
RF IN
RF OUT
33pF
33pF
33nH
Vdd
6. 8 nH
4. 7 nH
10nF
1 uF
10 uF(Tantal)
1400
1450
1500
1550
1600
1650
1700
1750
1800
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25℃
Frequency (MHz)
NF vs. Frequency
1300
1400
1500
1600
1700
1800
1900
-35
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Input Reurn Loss
1300
1400
1500
1600
1700
1800
1900
-35
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Output Reurn Loss
Input Return Loss
1400
1450
1500
1550
1600
1650
1700
1750
1800
0
5
10
15
20
25ºC
-40ºC
85ºC
Frequency (MHz)
P1dB Vs. Frequency
P1dB vs. Frequency
NF vs. Frequency
1300
1400
1500
1600
1700
1800
1900
10
15
20
25
30
35
40
25ºC
-40ºC
85ºC
Frequency (MHz)
Gain Vs. Frequency
Parameters
Units
Frequency(MHz)
1400
1575
1600
1700
1800
S21
dB
30.4
28.9
28.7
27.8
27.0
S11
dB
-18.2
-20.3
-20.2
-19.6
-18.2
S22
dB
-17.1
-25.6
-26.3
-24.0
-18.2
P1dB
dBm
15.0
14.5
14.5
14.2
13.8
OIP3@-10dBm
dBm
13.4
13.6
13.7
13.6
12.9
NF
dB
1.02
0.92
0.92
0.92
0.90
Typical RF Performance for 1575MHz Tuned Application Circuit (Vdd=3V)
Output Return Loss
Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com