Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG01 Datasheet(PDF) 8 Page - SJM Prewell. All Rights Reserved.

Part # PLG01
Description  Low Noise Amplifier for GPS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLG01 Datasheet(HTML) 8 Page - SJM Prewell. All Rights Reserved.

  PLG01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PLG01 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
http://www.prewell.com
8
Low Noise Amplifier for GPS
SJM PREWELL
PLG01
Products and product information are subject to change without notice. Version 0.3
0.15~0.2
O O G 1
Product Code
Optional
(Year Code
or Blank)
Optional(ICC)
Lead-free /RoHS Compliant / Green SOT-363 Package Outline
Mounting Instructions
1 Usealargeground padareawithmanyplatedthrough-holes asshown.
2 Werecommend1ozcopper minimum.
3 Measurement forourdata sheet wasmadeon 0.8mmthickFR-4Board 2layer.
4 RFtracewidth depends onthe board materialandconstruction.
5 Addmounting screwsnearthepart tofastentheboard toaheatsink.
6 Addasmuch copperaspossible toinnerandouter layersnearthe part toensure optimal thermalperformance.
Land Pattern
Evaluation Board Layout (25x30)
SYMBOL
MIN.
MAX.
E
1.15
1.35
D
1.85
2.25
HE
1.95
2.30
A
0.80
1.10
A2
0.70
1.00
A1
0.00
0.10
e
0.65BSC
b
0.15
0.40
c
0.08
0.25
L
0.21
0.26
Package
Outline
f .23
Plated Thru
Ground Vias
0.8 mm
(0.032) inch
2.08 (0.0832)
0.8
(0.032)
0.94 (0.0376)
3.38 (0.1352)
2.68
(0.1072)
1.3 (0.052)
0.38
(0.0152)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com