Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W6100 Datasheet(PDF) 70 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 70 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 66Page - WIZnet Co., Ltd W6100 Datasheet HTML 67Page - WIZnet Co., Ltd W6100 Datasheet HTML 68Page - WIZnet Co., Ltd W6100 Datasheet HTML 69Page - WIZnet Co., Ltd W6100 Datasheet HTML 70Page - WIZnet Co., Ltd W6100 Datasheet HTML 71Page - WIZnet Co., Ltd W6100 Datasheet HTML 72Page - WIZnet Co., Ltd W6100 Datasheet HTML 73Page - WIZnet Co., Ltd W6100 Datasheet HTML 74Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
70/149
4.2.26 Sn_TX_WR (SOCKET n TX Write Pointer Register)
[RW] [0x020C-0x20D] [0x0000]
Sn_TX_WR is initialized by Sn_CR[OPEN].
To send DATA, Sn_TX_WR is processed as the following procedure.
1. HOST reads the start address to store the sending DATA from Sn_TX_WR.
2. HOST stores the sending DATA from the start address in SOCKET n TX buffer.
3. HOST increases Sn_TX_WR by the size of the sending DATA. If the value of Sn_TX_WR
exceeds 0xFFFF(the maximum value of 16bits Offset Address), the carry bit(17th bit) will
be ignored and the value of Sn_TX_WR must be set to the lower 16bits Offset Address.
4. HOST sets Sn_CR[SEND] to send the stored DATA in SOCKET n TX buffer.
Ex) S0_TX_WR = 0x0800
S0_TX_WR0(0x020C)
S0_TX_WR1(0x020D)
0x08
0x00
4.2.27 Sn_RX_BSR (SOCKET n RX Buffer Size Register)
[R=W] [0x0220] [0x02]
Sn_RX_BSR sets SOCKET n RX Buffer Size to 0, 1, 2, 4, 8 or 16 KB.
If the total size of SOCKET n RX buffer exceeds 16KB, it causes a malfunction in buffer
read/write access process.
Value (Dec)
0
1
2
4
8
16
Buffer size
0KB
1KB
2KB
4KB
8KB
16KB
Ex) S0_RX_BSR = 8 Kbytes
S0_RX_BSR(0x0220)
0x08
4.2.28 Sn_RX_RSR (SOCKET n RX Received Size Register)
[RO] [0x0224-0x0225] [0x0000]
Sn_RX_RSR indicates the size of received DATA in SOCKET n RX buffer.
In TCP, UDP, IPRAW and MACRAW mode,
Sn_RX_RSR = | Sn_RX_WR(1) – Sn_RX_RD(2)|
(1) SOCKET n RX Write Pointer Register
(2) SOCKET n RX Read Pointer Register
Ex) S0_RX_RSR = 2048 (0x0800)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com