Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W6100 Datasheet(PDF) 38 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 38 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 34Page - WIZnet Co., Ltd W6100 Datasheet HTML 35Page - WIZnet Co., Ltd W6100 Datasheet HTML 36Page - WIZnet Co., Ltd W6100 Datasheet HTML 37Page - WIZnet Co., Ltd W6100 Datasheet HTML 38Page - WIZnet Co., Ltd W6100 Datasheet HTML 39Page - WIZnet Co., Ltd W6100 Datasheet HTML 40Page - WIZnet Co., Ltd W6100 Datasheet HTML 41Page - WIZnet Co., Ltd W6100 Datasheet HTML 42Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
38/149
Bit
Symbol
Description
[7:5]
-
Reserved
[4:0]
ADDR
[4:0]
PHY Register Address
Set PHY Register Address
4.1.20 PHYDIR (PHY Data Input Register)
[R=W] [0x300C-0x300D] [0x0000]
PHYDIR sets the value to write into the PHY Register specified by PHYRAR.
Ex) PHYDIR = 0x1234
PHYDIR0(0x300C)
PHYDIR1(0x300D)
0x34
0x12
4.1.21 PHYDOR (PHY Data Output Register)
[RO] [0x3010-0x3011] [0x0000]
PHYDOR gets the value from the PHY Register specified by PHYRAR.
Ex) PHYDOR = 0x1234
PHYDOR0(0x0042)
PHYDPR1(0x0043)
0x34
0x12
4.1.22 PHYACR (PHY Access Control Register)
[RW, AC] [0x3014] [0x00]
PHYACR reads/writes the value in PHYDOR/PHYDIR from/to PHY register specified by
PHYRAR. After completion, PHYACR is automatically cleared.
Access Type
Value
related Register
Write
0x01
PHYDIR
Read
0x02
PHYDOR
4.1.23 PHYDIVR (PHY Division Register)
[R=W] [0x3018] [0x01]
PHYDIVR is PHY’s MDC Clock Division Register (be careful to not exceed 2.5MHz).
Value
Divider
SYS_CLK=100MHz
SYS_CLK=25MH
0x00
1/32
3.125MHz (N/A)
781.25KHz
0x01
1/64
1.5625MHz
390.625KHz
Others
1/128
781.25KHz
195.3125KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com