Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W6100 Datasheet(PDF) 39 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 39 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 35Page - WIZnet Co., Ltd W6100 Datasheet HTML 36Page - WIZnet Co., Ltd W6100 Datasheet HTML 37Page - WIZnet Co., Ltd W6100 Datasheet HTML 38Page - WIZnet Co., Ltd W6100 Datasheet HTML 39Page - WIZnet Co., Ltd W6100 Datasheet HTML 40Page - WIZnet Co., Ltd W6100 Datasheet HTML 41Page - WIZnet Co., Ltd W6100 Datasheet HTML 42Page - WIZnet Co., Ltd W6100 Datasheet HTML 43Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
39/149
4.1.24 PHYCR0 (PHY Control Register 0)
[WO] [0x301C] [0x00]
PHYCR0 sets Ethernet PHY operation mode when SYSR[PHYL] = ‘0’((PHYLCKR(PHY Lock Register)
is Unlock). Bits set by PHYCR0 can be checked to PHYSR [5:3].
7
6
5
4
3
2
1
0
-
-
-
-
-
MODE2
MODE1
MODE0
WO
WO
WO
Bit
Symbol
Description
[7:3]
-
Reserved
[2:0]
MODE
MODE2 MODE1 MODE0
Description
0
x
x
Auto Negotiation
1
0
0
100BASE-TX FDX
1
0
1
100BASE-TX HDX
1
1
0
10BASE-TX FDX
1
1
1
10BASE-TX HDX
4.1.25 PHYCR1 (PHY Control Register 1)
[R=W] [0x301D] [0x40]
PHYCR1 sets PHY power down Mode and PHY HW Reset when SYSR[PHYL] = ‘0’((PHYLCKR(PHY
Lock Register) is Unlock).
7
6
5
4
3
2
1
0
-
-
PWDN
-
TE
-
-
RST
-
-
R=W
-
R=W
-
-
AC
Bit
Symbol
Description
7
-
Reserved
6
-
Should be always written by ‘1’
5
PWDN
PHY Power Down
0 : Disable Power Down Mode
SYS_CLK is changed according to SYCR1[CLKSEL].
SYCR1[CLKSEL]
SYS_CLK
0
100 MHz
1
25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com