Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W6100 Datasheet(PDF) 3 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 3 Page - WIZnet Co., Ltd

  W6100 Datasheet HTML 1Page - WIZnet Co., Ltd W6100 Datasheet HTML 2Page - WIZnet Co., Ltd W6100 Datasheet HTML 3Page - WIZnet Co., Ltd W6100 Datasheet HTML 4Page - WIZnet Co., Ltd W6100 Datasheet HTML 5Page - WIZnet Co., Ltd W6100 Datasheet HTML 6Page - WIZnet Co., Ltd W6100 Datasheet HTML 7Page - WIZnet Co., Ltd W6100 Datasheet HTML 8Page - WIZnet Co., Ltd W6100 Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
3/149
Features
-
Supports hardwired TCP/IP protocols
: TCP, UDP, IPv6, IPv4, ICMPv6, ICMPv4, IGMP, MLDv1, ARP, PPPoE
-
Supports IPv4/IPv6 dual stack
-
Supports 8 independent SOCKETs simultaneously with 32KB memory
-
Supports SOCKET-less commands
: ARP, ICMPv6 (ARP, DAD, NA, RS) command for IPv6 auto-configuration & network
monitoring (PING, PING6)
-
Supports Ethernet PHY power down mode & system clock switching for power save
-
Supports wake on LAN over UDP
-
Supports serial & parallel HOST interface
: High speed SPI (MODE 0/3), system BUS with 2 address signal & 8bit data
-
Internal 32Kbytes memory for TX/ RX Buffers
-
10BaseT/ 10BaseTe / 100BaseTX Ethernet PHY integrated
-
Supports auto negotiation (full/half duplex, 10 and 100-based)
-
Supports auto-MDIX only on auto-negotiation mode
-
Does not support IP fragmentation & jumbo packet
-
3V operation with 5V I/O signal tolerance
-
Network indicator LEDs (full/half duplex, link, 10/100 speed, active)
-
48 Pin LQFP & QFN lead-free package (7x7mm, 0.5mm pitch)
-
PIN-2-PIN compatible with W5100S
Target Applications
W6100 can be used in various applications.
-
Home network devices: set-top boxes, PVRs, digital media adapters
-
Serial-to-Ethernet: access control, LED display, wireless AP relay
-
Parallel-to-Ethernet: POS / mini printers, copy machine
-
USB-to-Ethernet: storage devices, network printers
-
GPIO-to-Ethernet: Home network sensors
-
Security systems: DVR, network cameras, kiosks
-
Factory & home automation
-
Medical monitoring equipment
-
Embedded servers
-
Internet of Thing (IoT) devices
-
IoT cloud devices
-
Etc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com