Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W6100 Datasheet(PDF) 13 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 13 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 9Page - WIZnet Co., Ltd W6100 Datasheet HTML 10Page - WIZnet Co., Ltd W6100 Datasheet HTML 11Page - WIZnet Co., Ltd W6100 Datasheet HTML 12Page - WIZnet Co., Ltd W6100 Datasheet HTML 13Page - WIZnet Co., Ltd W6100 Datasheet HTML 14Page - WIZnet Co., Ltd W6100 Datasheet HTML 15Page - WIZnet Co., Ltd W6100 Datasheet HTML 16Page - WIZnet Co., Ltd W6100 Datasheet HTML 17Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
13/149
1.1
PIN Description
Table 2 PIN Description
PIN #
Symbol
Type
Description
1
GNDA
AP
Analog Ground
2
TXON
AO
Differential Transmitted Signal Pair
Data is transmitted to Media in TXOP/TXON differential
signal pair on MDI Mode.
3
TXOP
AO
4
1V2A
AP
Analog 1.2V Power
1V2O(PIN14) voltage source must be supplied back to this
pin.
5
RXIN
AI
Differential Received Signal Pair
Data is received from Media in RXIP/RXIN differential signal
pair on MDI Mode.
6
RXIP
AI
7
GNDA
AP
Analog Ground
8
3V3A
AP
Analog 3.3V Power
9
RSET_BG
AO
Off-chip Bias Resistor
Must be connected to Analog Ground through external
12.3KΩ, tolerance rate 1% Resistance.
10
GND
AP
Digital Ground
11
XSCO
AO
25MHz Clock
Connect 25MHz Crystal Oscillator (XTAL) or Oscillator
(OSC) for internal operation clock (SYS_CLK).
W6100 can convert it to 25MHz or 100MHz and uses the
converted clock as SYS_CLK.
In normal mode, SYS_CLK is 100MHz.
In low frequency mode, SYS_CLK is 25MHz
* CAUTION
If OSC is used, 25MHz@1.2V must be used and only
XSCI must be connected and XSCO must be floated.
ref) “Clock Selection Guide”, same as W5100S
12
XSCI
AI
13
1V2D
P
Digital 1.2V Power
1V2O voltage source must be supplied to this pin.
14
1V2O
PO
Internal Regulator 1.2V Power Output
Power which Internal Regulator of W6100 supplies. It
supports Max 150mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com