Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23156 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC23156 Datasheet HTML 18Page - Microchip Technology MIC23156 Datasheet HTML 19Page - Microchip Technology MIC23156 Datasheet HTML 20Page - Microchip Technology MIC23156 Datasheet HTML 21Page - Microchip Technology MIC23156 Datasheet HTML 22Page - Microchip Technology MIC23156 Datasheet HTML 23Page - Microchip Technology MIC23156 Datasheet HTML 24Page - Microchip Technology MIC23156 Datasheet HTML 25Page - Microchip Technology MIC23156 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
MIC23156
DS20005919A-page 22
 2017 Microchip Technology Inc.
5.13
Calculating DAC Voltage Code
If the desired output voltage is 1.8V, then using Equation 5-7:
EQUATION 5-7:
CALCULATING DAC VOLTAGE
VOUT = 0.7 + (0.01  REGBUCK_OUT)  REGBUCK_OUT =
(1.8 – 0.7)
0.01
Note:
REGBUCK_OUT = 110 in decimal, 6E in Hex or ‘0110 1110’ in binary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com