Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23156 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC23156 Datasheet HTML 4Page - Microchip Technology MIC23156 Datasheet HTML 5Page - Microchip Technology MIC23156 Datasheet HTML 6Page - Microchip Technology MIC23156 Datasheet HTML 7Page - Microchip Technology MIC23156 Datasheet HTML 8Page - Microchip Technology MIC23156 Datasheet HTML 9Page - Microchip Technology MIC23156 Datasheet HTML 10Page - Microchip Technology MIC23156 Datasheet HTML 11Page - Microchip Technology MIC23156 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MIC23156
DS20005919A-page 8
 2017 Microchip Technology Inc.
FIGURE 2-7:
Quiescent Current vs. Input
Voltage.
FIGURE 2-8:
Shutdown Current vs. Input
Voltage.
FIGURE 2-9:
Line Regulation (CCM).
FIGURE 2-10:
Line Regulation (HLL).
FIGURE 2-11:
Load Regulation.
FIGURE 2-12:
Output Voltage vs.
Temperature.
10
15
20
25
30
35
40
45
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
NO SWITCHING
VOUT > VOUTNOM * 1.2
COUT = 2.2 µF
125\ C
-40\ C
25\ C
-40°C
25°C
125°C
0
5
10
15
20
25
30
2.5
3
3.544.5
55.5
INPUT VOLTAGE (V)
VOUT = 0V
COUT = 2.2 µF
1.7
1.725
1.75
1.775
1.8
1.825
1.85
1.875
1.9
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VOUTNOM = 1.8V
COUT = 2.2 µF
IOUT = 1A
IOUT = 300 mA
IOUT = 1.5A
1.7
1.725
1.75
1.775
1.8
1.825
1.85
1.875
1.9
2.533.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
IOUT = 1 mA
VOUTNOM = 1.8V
COUT = 2.2 µF
IOUT = 20 mA
IOUT = 120 mA
1.7
1.725
1.75
1.775
1.8
1.825
1.85
1.875
1.9
0
250
500
750
1000
1250
1500
OUTPUT CURRENT (mA)
VIN = 3.6V
VOUTNOM = 1.8V
COUT = 2.2 µF
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
-40
-20
0
204060
80
100 120
TEMPERATURE (
°C)
VIN = 3.6V
VOUT = 1.0V
IOUT = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com