Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23156 Datasheet(PDF) 29 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MIC23156 Datasheet HTML 24Page - Microchip Technology MIC23156 Datasheet HTML 25Page - Microchip Technology MIC23156 Datasheet HTML 26Page - Microchip Technology MIC23156 Datasheet HTML 27Page - Microchip Technology MIC23156 Datasheet HTML 28Page - Microchip Technology MIC23156 Datasheet HTML 29Page - Microchip Technology MIC23156 Datasheet HTML 30Page - Microchip Technology MIC23156 Datasheet HTML 31Page - Microchip Technology MIC23156 Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2017 Microchip Technology Inc.
DS20005919A-page 29
MIC23156
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC23156-0YCS-TR: MIC23156, 1.0V/0.8V Default
Output Voltage, –40°C to +125°C
Junction
Temp. Range,
16-Ball WLCSP, 3,000/Reel
b) MIC23156-0YML-TR: MIC23156, 1.0V/0.8V Default
Output Voltage, –40°C to +125°C
Junction
Temp. Range,
17-Lead CQFN, 5,000/Reel
c) MIC23156-0YML-T5: MIC23156, 1.0V/0.8V Default
Output Voltage, –40°C to +125°C
Junction
Temp. Range,
17-Lead CQFN, 500/Reel
PART NO.
XX
Package
Device
Device:
MIC23156:
1.5A, 3 MHz Synchronous Buck Regulator
with HyperLight Load® and I2C Control for
Dynamic Voltage Scaling
Output Voltage:
0
=
1.0V (VSEL = Low), 0.8V (VSEL = High)
Junction
Temperature
Range:
Y
=
–40°C to +125°C
Package:
CS =
16-Ball 1.81 mm x 1.71 mm WLCSP
ML =
17-Lead 2.5 mm x 2.8 mm CQFN
Media Type:
T5
=
500/Reel (ML Package only)
TR =
5,000/Reel (ML Package only)
TR =
3,000/Reel (CS Package only)
X
Default
–
X
Junction Temp.
XX
Media
–
Type
Output Voltage
Range
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com