Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23156 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 4 Page - Microchip Technology

  MIC23156 Datasheet HTML 1Page - Microchip Technology MIC23156 Datasheet HTML 2Page - Microchip Technology MIC23156 Datasheet HTML 3Page - Microchip Technology MIC23156 Datasheet HTML 4Page - Microchip Technology MIC23156 Datasheet HTML 5Page - Microchip Technology MIC23156 Datasheet HTML 6Page - Microchip Technology MIC23156 Datasheet HTML 7Page - Microchip Technology MIC23156 Datasheet HTML 8Page - Microchip Technology MIC23156 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MIC23156
DS20005919A-page 4
 2017 Microchip Technology Inc.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS(1)
Electrical Specifications:
unless otherwise specified, TA = +25°C; AVIN = PVIN = VEN = VVI2C = 3.6V; L = 1.0 µH; COUT = 2.2
µF. Boldface values indicate –40°C
 TJ  +125°C.
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
VIN
Supply Input Voltage Range
2.7
—
5.5
V—
ENLOW
Enable Logic Pin Low Threshold
—
—
0.5
V
Logic low
ENHIGH
Enable Logic Pin High Threshold
1.2
—
—
V
Logic high
IVSEL_LO
VSEL Logic Pin Low Threshold
—
—
0.3 x VI2C
V
Logic low
IVSEL_HI
VSEL Logic Pin High Threshold
0.7 x VI2C
—
—
V
Logic high
IEN
Logic Pin Input Current
—
0.1
2
µA
Pins: EN and VSEL
UVLO
Undervoltage Lockout
Threshold
2.45
2.55
2.65
V
Rising
UVLO_HYS
Undervoltage Lockout
Hysteresis
—
75
—
mV
Falling
TSHD
Shutdown Temperature
(Threshold)
—160
—
°C
—
TSHD_HYST
Shutdown Temperature
Hysteresis
—20
—
°C
—
ISHDN
Shutdown Supply Current
—
0.1
5
µA
VEN = 0V
DC-to-DC Converter
VOUT
Output Voltage Accuracy
–1.5
—
+1.5
%
VOUT = 1V, IOUT = 10 mA
IQ
Quiescent Supply Current
—
30
50
µA
IOUT = 0 mA,
VFB > 1.2 * VOUT
VOUT
Output Voltage Range
0.7
—
2.4
V
VOUT/VOUT
Output Voltage Line Regulation
—
0.02
—
%/V
3.0V < VAVIN < 4.5V,
ILOAD = 10 mA
VOUT/VOUT
Output Voltage Load Regulation
—
0.04
—
%
20 mA < IOUT < 1A
RSWON
Switch-On Resistance
—0.17
—
Ω
ISW = +100 mA, high-side
switch PMOS (QFN)
—0.15
—
ISW = +100 mA, high-side
switch PMOS (WLCSP)
—0.15
—
ISW = –100 mA, low-side
switch NMOS (QFN)
—0.13
—
ISW = –100 mA, low-side
switch NMOS (WLCSP)
ILIM
Current Limit (DC Value)
1.7
2.9
5.1
A
VOUT = 1V
fSW
Oscillator Switching Frequency
—
3
—
MHz
—
DMAX
Maximum Duty Cycle
80
—
—
%
Frequency = 3 MHz
—
DVS Step-Size
—
19
—
mV
—
tSS
Soft Start Time
—
250
—
µs
VOUT = 90%,
CSS = 120 pF
Note 1:
Specifications are for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com