Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC23156 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC23156
Description  1.5A, 3MHz Synchronous Buck Regulator with HyperLight Load짰 and I2C Control for Dynamic Voltage Scaling
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23156 Datasheet(HTML) 5 Page - Microchip Technology

  MIC23156 Datasheet HTML 1Page - Microchip Technology MIC23156 Datasheet HTML 2Page - Microchip Technology MIC23156 Datasheet HTML 3Page - Microchip Technology MIC23156 Datasheet HTML 4Page - Microchip Technology MIC23156 Datasheet HTML 5Page - Microchip Technology MIC23156 Datasheet HTML 6Page - Microchip Technology MIC23156 Datasheet HTML 7Page - Microchip Technology MIC23156 Datasheet HTML 8Page - Microchip Technology MIC23156 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2017 Microchip Technology Inc.
DS20005919A-page 5
MIC23156
I2C Interface (Assuming 550 pF Total Bus Capacitance
I2C Address
10110111
, 0xB7
—
Read (Binary, Hex)
10110110
, 0xB6
Write (Binary, Hex)
VIL
Low-Level Input Voltage
—
—
0.3 x VI2C
VSCL, SDA
VIH
High-Level Input Voltage
0.7 x VI2C
——
V
SCL, SDA
RSDA_PD
SDA Pull-Down Resistance
—
20
—
W
Open-drain pull-down on
SDA during read back,
ISDA = 500 µA
Power Good (PG)
VPG_LOW
PGOOD Output Low
—
100
—
mV
VOUT < 80% VNOM,
IPGOOD = -500 µA
IPG_LEAK
PGOOD Output Leakage
—
—
5
µA
VOUT = VNOM
VPG_TH
PGOOD Threshold
(% of VOUT < VNOM)
86
—
96
%
VOUT ramping up
VPG_HYS
PGOOD Hysteresis
—
5
—
%
—
TABLE 1-1:
ELECTRICAL CHARACTERISTICS(1) (CONTINUED)
Electrical Specifications:
unless otherwise specified, TA = +25°C; AVIN = PVIN = VEN = VVI2C = 3.6V; L = 1.0 µH; COUT = 2.2
µF. Boldface values indicate –40°C
 TJ  +125°C.
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
Note 1:
Specifications are for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com