Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS3DHHCTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # IIS3DHHCTR
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHCTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IIS3DHHCTR Datasheet HTML 12Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 13Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 14Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 15Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 16Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 17Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 18Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 19Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
6
Register mapping
The table given below provides a list of the 8/16-bit registers embedded in the device and the corresponding
addresses.
Table 7. Register mapping
Name
Type
Register address
Default
Note
Hex
Binary
Reserved
--
00-0E
--
--
Reserved
WHO_AM_I
r
0F
00001111
00010001
Reserved
--
10-1F
--
--
Reserved
CTRL_REG1
r/w
20
00100000
00000000
INT1_CTRL
r/w
21
00100001
00000000
INT2_CTRL
r/w
22
00100010
00000000
CTRL_REG4
r/w
23
00100011
00000000
CTRL_REG5
r/w
24
00100100
00000000
OUT_TEMP_L
r
25
00100101
output
OUT_TEMP_H
r
26
00100110
output
STATUS
r
27
00100111
output
OUT_X_L_XL
r
28
00101000
output
OUT_X_H_XL
r
29
00101001
output
OUT_Y_L_XL
r
2A
00101010
output
OUT_Y_H_XL
r
2B
00101011
output
OUT_Z_L_XL
r
2C
00101100
output
OUT_Z_H_XL
r
2D
00101101
output
FIFO_CTRL
r/w
2E
00101110
00000000
FIFO_SRC
r
2F
00101111
output
Reserved
--
30-32
--
--
Reserved
Registers marked as Reserved must not be changed. Writing to those registers may affect the correct behavior of
the device.
Their content is automatically restored when the device is powered up.
IIS3DHHC
Register mapping
DS12292 - Rev 3
page 16/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com