Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS3DHHCTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # IIS3DHHCTR
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHCTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button IIS3DHHCTR Datasheet HTML 13Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 14Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 15Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 16Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 17Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 18Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 19Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 20Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
7
Register description
The device contains a set of registers which are used to control its behavior and to retrieve linear acceleration and
temperature data. The register addresses, consisting of 7 bits, are used to identify them and to write the data
through the serial interface.
7.1
CTRL_REG1 (20h)
Control register 1
Table 8. CTRL_REG1 register
NORM_
MOD_EN
IF_ADD_INC
0 (1)
0(1)
BOOT
SW_RESET
DRDY_
PULSE
BDU
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 9. CTRL_REG1 register description
NORM_MOD_EN
Normal mode enable. Default value: 0
(0: power down; 1: enabled)
IF_ADD_INC
Register address is automatically incremented during a multiple byte access with SPI serial interface.
Default value: 1
(0: disabled; 1: enabled)
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content(1))
SW_RESET
Software reset. Default value: 0
With SW_RESET the values in the writable CTRL registers are changed to the default values.
(0: normal mode; 1: reset device)
This bit is cleared by hardware at the end of the operation.
DRDY_PULSE
Data-ready on INT1 pin. Default value: 0
(0: DRDY latched; 1: DRDY pulsed, pulse duration is 1/4 ODR)
BDU
Block Data Update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB read)
1. Boot request is executed as soon as the internal oscillator is turned on. It is possible to set the bit while in power-down
mode, in this case it will be served at the next normal mode.
IIS3DHHC
Register description
DS12292 - Rev 3
page 17/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com