Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS3DHHCTR Datasheet(PDF) 24 Page - STMicroelectronics

Part # IIS3DHHCTR
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHCTR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button IIS3DHHCTR Datasheet HTML 20Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 21Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 22Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 23Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 24Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 25Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 26Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 27Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
LGA-16 package information
The IIS3DHHC is available in a high-performance (low-stress) ceramic cavity land grid array (CC LGA) package.
Due to the use of epoxy glue for lid sealing, hermeticity is not guaranteed. Processing or use of this package in a
harsh environment should be assessed by the customer.
Figure 17. Ceramic cavity LGA-16: package outline and mechanical data
Pin 1
indicator
L
H
8535893_A
Note:
Top and bottom view: dimensions are expressed in mm
Table 27. Outer dimensions
ITEM
Dimension [mm]
Tolerance [mm]
Length [L]
5
±0.15
Width [W]
5
±0.15
Height [H]
1.7 typ
±0.15
Pad size
0.7 x 0.5
±0.15
Note:
General tolerance is ±0.1 mm unless otherwise specified
IIS3DHHC
Package information
DS12292 - Rev 3
page 24/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com