Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS3DHHCTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # IIS3DHHCTR
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHCTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button IIS3DHHCTR Datasheet HTML 16Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 17Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 18Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 19Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 20Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 21Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 22Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 23Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Table 14. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed
7.5
CTRL_REG5 (24h)
Control register 5
Table 15. CTRL_REG5 register
0 (1)
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
FIFO_SPI_
HS_ON
1. This bit must be set to ‘0’ for correct operation of the device.
Table 16. CTRL_REG5 register description
FIFO_SPI_HS_ON
Enables the SPI high speed configuration for the FIFO block that is used to guarantee a minimum
duration of the window in which writing operation of RAM output is blocked. This bit is recommended for
SPI clock frequencies higher than 6 MHz. Default value: 0
(0: not enabled; 1: enabled)
7.6
OUT_TEMP_L (25h), OUT_TEMP_H (26h)
Temperature data output register. L and H registers together express a 16-bit word in two’s complement left-
justified.
Table 17. OUT_TEMP_L register
Temp3
Temp2
Temp1
Temp0
0
0
0
0
Table 18. OUT_TEMP_H register
Temp11
Temp10
Temp9
Temp8
Temp7
Temp6
Temp5
Temp4
Table 19. OUT_TEMP register description
Temp [11:0]
Temperature sensor output data.
The value is expressed as two’s complement sign.
0 LSB represents T=25 °C ambient.
IIS3DHHC
CTRL_REG5 (24h)
DS12292 - Rev 3
page 20/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com