Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS3DHHCTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # IIS3DHHCTR
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHCTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button IIS3DHHCTR Datasheet HTML 15Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 16Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 17Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 18Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 19Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 20Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 21Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 22Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
7.3
INT2_CTRL (22h)
INT2 pin control register
Table 11. INT2_CTRL register
INT2_DRDY
INT2_BOOT
INT2_OVR
INT2_ FSS5
INT2_FTH
0 (1)
0(1)
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
INT2_DRDY
Accelerometer data ready on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_ BOOT
Boot status available on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_OVR
Overrun flag on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_ FSS5
FSS5 full FIFO flag on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
INT2_FTH
FIFO threshold flag on INT2 pin. Default value: 0
(0: disabled; 1: enabled)
7.4
CTRL_REG4 (23h)
Control register 4
Table 12. CTRL_REG4 register
DSP_LP_
TYPE
DSP_BW_
SEL
ST2
ST1
PP_OD_
INT2
PP_OD_
INT1
FIFO_EN
OFF_TCOMP
_EN
Table 13. CTRL_REG4 register description
DSP_LP_TYPE
Digital filtering selection. Default value: 0
(0: FIR Linear Phase; 1: IIR Nonlinear Phase)
DSP_BW_SEL
User-selectable bandwidth. Default value: 0
(0: 440 Hz typ.; 1: 235 Hz typ.)
ST [2:1]
Self-test enable. Default value: 00
(00: Self-test disabled; Other: See Table 14. Self-test mode selection)
PP_OD_INT2
Push-pull/open drain selection on INT2 pin. Default value: 0
(0: push-pull mode; 1: open drain mode)
PP_OD_INT1
Push-pull/open drain selection on INT1 pin. Default value: 0
(0: push-pull mode; 1: open drain mode)
FIFO_EN
FIFO memory enable. Default value: 0
(0: disabled; 1: enabled)
OFF_TCOMP_EN
Offset temperature compensation enable. Default value: 0
(0: disabled; 1: enabled)
IIS3DHHC
INT2_CTRL (22h)
DS12292 - Rev 3
page 19/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com