Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473PQTP Datasheet(PDF) 3 Page - Microchip Technology

Part # HCS473PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473PQTP Datasheet(HTML) 3 Page - Microchip Technology

  HCS473PQTP Datasheet HTML 1Page - Microchip Technology HCS473PQTP Datasheet HTML 2Page - Microchip Technology HCS473PQTP Datasheet HTML 3Page - Microchip Technology HCS473PQTP Datasheet HTML 4Page - Microchip Technology HCS473PQTP Datasheet HTML 5Page - Microchip Technology HCS473PQTP Datasheet HTML 6Page - Microchip Technology HCS473PQTP Datasheet HTML 7Page - Microchip Technology HCS473PQTP Datasheet HTML 8Page - Microchip Technology HCS473PQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 1
HCS473
FEATURES
Encoder Security
• Read protected 64-bit encoder key
• 69-bit transmission length
• 60-bit, read protected seed for secure learning
• Programmable 32-bit serial number
• Non-volatile 16/20-bit synchronization counter
Encoder Operation
• 2.05V to 5.5V operation
• Four switch inputs – up to 15 functions codes
• PWM or Manchester modulation
• Selectable Baud Rate (416 - 5,000 bps)
• Transmissions include button queuing information
• PLL interface
Transponder Security
• 2 read protected 64-bit Challenge/Response keys
• Two IFF encryption algorithms
• 16/32-bit Challenge/Response
• Separate Vehicle ID and Token ID
• 2 vehicles supported
• CRC on all communication
Transponder Operation
• Three sensitive transponder inputs
• Bi-directional transponder communication
• Transponder in/RF out operation
• Anticollision of multiple transponders
• Intelligent damping for high Q-factor LC-circuits
• Low battery operation
• Passive proximity activation
• 64-bit secure user EEPROM
• Fast reaction time
Peripherals
• Low Voltage Detector
• On-board RC oscillator with
±10% variation
Package Types
Block Diagram
Typical Applications
• Passive entry systems
• Automotive remote entry systems
• Automotive alarm systems
• Automotive immobilizers
• Gate and garage openers
• Electronic door locks (Home/Office/Hotel)
• Burglar alarm systems
• Proximity access control
• Passive proximity authentication
8
14
1
2
3
4
13
12
11
S0
S1
S2
S3/RFEN
V
DD
LED
DATA
V
SS
PDIP, SOIC
V
DDT
LCX
LCY
V
SST
LCCOM
LCZ
5
6
7
10
9
Wake-up
Control
Low
Voltage
Detector
3 Input Transponder
Circuitry
S0
S1
Internal
Oscillator
EEPROM
RESET and
Power
Control
V
DD
V
SS
Control
Logic
LED
DATA
S2
S3/
RFEN
LED
Driver
Data
Output
LCX
LCY
LCZ
V
DDT
LCCOM
V
SST
KEELOQ® 3-Axis Transcoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com