Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473PQTP Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS473PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473PQTP Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS473PQTP Datasheet HTML 4Page - Microchip Technology HCS473PQTP Datasheet HTML 5Page - Microchip Technology HCS473PQTP Datasheet HTML 6Page - Microchip Technology HCS473PQTP Datasheet HTML 7Page - Microchip Technology HCS473PQTP Datasheet HTML 8Page - Microchip Technology HCS473PQTP Datasheet HTML 9Page - Microchip Technology HCS473PQTP Datasheet HTML 10Page - Microchip Technology HCS473PQTP Datasheet HTML 11Page - Microchip Technology HCS473PQTP Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
HCS473
DS40035C-page 6
Preliminary
 2002 Microchip Technology Inc.
FIGURE 2-1:
HCS473 3-AXIS
APPLICATION
FIGURE 2-2:
HCS473 1-AXIS
APPLICATION
FIGURE 2-3:
S0/S1/S2 PIN DIAGRAM
FIGURE 2-4:
S3/RFEN PIN DIAGRAM
FIGURE 2-5:
DATA PIN DIAGRAM
RF
Circuit
HCS473
S0
S1
S2
V
DDT
LCX
LCY
V
DD
LED
DATA
V
SS
V
SST
LCCOM
LCZ
S3/RFEN
1
µF
100nF
V
DD
680pF
LX
LY
LZ
CX
CY
CZ
Note:
The 680pF capacitor prevents device instability - self
resonance.
RF
Circuit
HCS473
S0
S1
S2
V
DDT
LCX
LCY
V
DD
LED
DATA
V
SS
V
SST
LCCOM
LCZ
S3/RFEN
1
µF
100nF
V
DD
660 pF
100
Ω
LX
CX
100
Ω
Note:
Connect unused LC antenna inputs to LCCOM
through a 100
Ω resistor for proper bias conditions.
R
PD
S0, S1, S2
Inputs
S3 Input/
RFEN
RFEN Output
V
DD
R
PD
NFET
PFET
Note:
R
PD is disabled when driving RFEN.
V
DD
RDATA
DATA
NFET
PFET
DATA OUT
Note:
RDATA is disabled when the DATA line is driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com