Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473PQTP Datasheet(PDF) 15 Page - Microchip Technology

Part # HCS473PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473PQTP Datasheet(HTML) 15 Page - Microchip Technology

Back Button HCS473PQTP Datasheet HTML 11Page - Microchip Technology HCS473PQTP Datasheet HTML 12Page - Microchip Technology HCS473PQTP Datasheet HTML 13Page - Microchip Technology HCS473PQTP Datasheet HTML 14Page - Microchip Technology HCS473PQTP Datasheet HTML 15Page - Microchip Technology HCS473PQTP Datasheet HTML 16Page - Microchip Technology HCS473PQTP Datasheet HTML 17Page - Microchip Technology HCS473PQTP Datasheet HTML 18Page - Microchip Technology HCS473PQTP Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 13
HCS473
3.1.3
CODE HOPPING MODULATION
FORMAT
The data modulation format is selectable between
Pulse Width Modulation (PWM) and Manchester using
the modulation select (MSEL) configuration option.
Regardless of the modulation format, each code word
contains a leading preamble and a synchronization
header to wake the receiver and provide synchroniza-
tion events for the receive routine. Each code word also
contains a trailing guard time to separate code words.
Manchester encoding further includes a leading data ‘1’
START pulse and closing 1 RFT
E STOP pulse around
each data block.
The same code word repeats as long as the same input
pins remain active, until a timeout occurs or a delayed
seed transmission is activated.
The modulated data timing is typically referred to in
multiples of a basic Timing Element (RFT
E). ‘RF’ TE
because the DATA pin output is typically sent through a
RF transmitter to the decoder or transponder reader.
RFT
E may be selected using the RF Transmission
Baud
Rate
(RFBSL)
configuration
option
(Section 3.1.4.13).
FIGURE 3-3:
PWM TRANSMISSION FORMAT (MSEL = 0)
FIGURE 3-4:
MANCHESTER TRANSMISSION FORMAT (MSEL = 1)
TOTAL TRANSMISSION
:
Preamble Sync Encrypt
Fixed
Guard
1 CODE WORD
Preamble Sync
Encrypt
LOGIC "1"
Guard
Time
Preamble
Encrypted
Portion
Fixed Code
Portion
LOGIC "0"
Header
TE
TE TE
CODE WORD
TOTAL TRANSMISSION:
CODE WORD
Guard
Header
Encrypted
Fixed Code
START bit
STOP bit
Time
Portion
Portion
bit 0 bit 1 bit 2
LOGIC “0”
LOGIC “1”
T
E
T
E
Preamble
Preamble Sync Encrypt
Fixed
Guard
1 CODE WORD
Preamble Sync
Encrypt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com