Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473PQTP Datasheet(PDF) 55 Page - Microchip Technology

Part # HCS473PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473PQTP Datasheet(HTML) 55 Page - Microchip Technology

Back Button HCS473PQTP Datasheet HTML 51Page - Microchip Technology HCS473PQTP Datasheet HTML 52Page - Microchip Technology HCS473PQTP Datasheet HTML 53Page - Microchip Technology HCS473PQTP Datasheet HTML 54Page - Microchip Technology HCS473PQTP Datasheet HTML 55Page - Microchip Technology HCS473PQTP Datasheet HTML 56Page - Microchip Technology HCS473PQTP Datasheet HTML 57Page - Microchip Technology HCS473PQTP Datasheet HTML 58Page - Microchip Technology HCS473PQTP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 53
HCS473
TABLE 7-4:
AC CHARACTERISTICS, Commercial Temperature Devices
AC Characteristics
Tamb = 0°C to 70°C, 2.05V < V
DD < 5.5V
F
OSC = 4 MHz ±10%
Symbol
Min
Typ
(1)
Max
Description
General HCS473 Timing
T
DB
9 ms
10 ms
11 ms
Debounce Time
T
QUE
1.8s
2s
2.2s
Que Window
T
PU
9.81 ms
10.9 ms
12 ms
Power-up Delay Time (includes button debounce)
T
PLL
17.1 ms
19 ms
20.9 ms
Encoder Mode PLL activation to first code word
T
LEDON
90 ms
100 ms
110 ms
LED ON Time
T
LEDOFF
450 ms
500 ms
550 ms
LED OFF Time
Communication from Transponder Reader to HCS473
T
CMD
1.1 LF
TE+100
µs
—
9.18 ms
T
TSCMD
1.1 LF
TE+100
µs
—
9.18 ms
Delay from Transponder Select ACK to next command
T
FINH
100
µs1 LFTE
—
Time to leave LF on after last data bit’s rising edge
Response from HCS473 to Transponder Reader
T
SF
1ms+.9 LF
TE
3.5 ms+1 LF
TE
10 ms+1. 1LF
TE
Delay to wake-up Acknowledge sequence
T
TSACK
.9 LF
TE+14
µs
.9 LF
TE-12
µs
1LF
TE+30
µs
1LF
TE
1.1 LF
TE+49
µs
1.1 LF
TE+12
µs
Delay from TID pulse rising edge to TID acknowledge
TID = 0
TID > 0
T
TPACK
141
µs
179
µs
234
µs
Delay to Transport Code Acknowledge
T
WRT
—
4 ms
10ms
Delay to Write Acknowledge
T
AOACK
60
µs89 µs
135
µs
Delay to anticollision off Acknowledge
T
IFF
5.07 ms
5.64 ms
6.2 ms
Delay to IFF response - RF or LF response
T
READ
184
µs
227
µs
286
µs
Delay to read response - RF or LF response
T
HOP
17.1 ms
19 ms
20.9 ms
Delay to hopping code response - RF or LF response
T
DAMP
1.08 LF
TE
1.2 LF
TE
1.32 LF
TE
Delay from detecting LC rising edge to first damp pulse
T
DEMOD
14.76 ms
16.4 ms
18 ms
Demodulator mode window looking for edge on LC pin
Timing Element T
E
T
E
90
180
360
720
100
200
400
800
110
220
440
880
RFT
E or LFTE
RFBSL = LFBSL = 002
RFBSL = LFBSL = 012
RFBSL = LFBSL = 102
RFBSL = LFBSL = 112
Analog delays
T
FILTR
—15
µs
—
HCS473 analog LF filter charge time
T
FILTF
—70
µs
—
HCS473 analog LF filter discharge time
T
ANTR
Hardware design dependent
Cumulative LF antenna delay when field is turned on
T
ANTF
Hardware design dependent
Cumulative LF antenna delay when field is turned off
Note
1: Fosc = 4 MHz. F
OSC = 4 MHz may be centered at the designer’s choice of supply voltage (VDD) and temperature.
2: LF
TE is based on the HCS473’s timing, not the timing of the transponder reader. Therefore LFTE is subject to HCS473
oscillator variation.
3: Response timing accounts for
TFILTR but not for TANTR or TANTF, as they are design dependent. The system designer
must compensate communication accordingly for
TANTR and TANTF.
4: Timing parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com