Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473PQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # HCS473PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473PQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button HCS473PQTP Datasheet HTML 31Page - Microchip Technology HCS473PQTP Datasheet HTML 32Page - Microchip Technology HCS473PQTP Datasheet HTML 33Page - Microchip Technology HCS473PQTP Datasheet HTML 34Page - Microchip Technology HCS473PQTP Datasheet HTML 35Page - Microchip Technology HCS473PQTP Datasheet HTML 36Page - Microchip Technology HCS473PQTP Datasheet HTML 37Page - Microchip Technology HCS473PQTP Datasheet HTML 38Page - Microchip Technology HCS473PQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 33
HCS473
FIGURE 3-22:
Calculating Communication T
E
3.2.8
RFEN DURING LF
COMMUNICATION (Figure 3-23)
3.2.8.1
Wake-up Sequence
The wake-up Acknowledge sequence has the shortest,
but fixed, PLL setup time, 1LF
TE.
3.2.8.2
Transponder Select Sequence
PLL setup occurs on the rising edge of the first VID bit
in anticipation of the TID Acknowledge. The setup time
before the ACK begins is therefore a function of...
• LF baud rate
• VID value
• TID value
3.2.8.3
ACK Response Sequences
Concluding with CRC
Command sequences ending with CRC bits and
expecting an Acknowledge response have a similar
PLL setup sequence. This includes “Present Transport
Code”, “Write” and “Anticollision Off”.
PLL setup occurs on the rising edge of the first CRC bit
in anticipation of the Acknowledge. The setup time is
therefore a function of...
• LF baud rate
• CRC value
• Response time: T
TPACK, TWRT, TAOACK.
3.2.8.4
Data Response Sequences
Concluding with CRC
Command sequences ending with CRC bits and
expecting data response (code hopping word) have a
similar PLL setup sequence. This includes “IFF”,
“Read” and “Request Hopping Code”.
PLL setup occurs on the rising edge of the first CRC bit
in anticipation of the data transmission. The setup time
is therefore a function of...
• LF baud rate
• CRC value
• Response time: T
IFF, TREAD, THOP.
Communication from reader to HCS473
Communication from HCS473 to reader
8LF
TE
8LF
TE
T
SF
Command
T
CMD
SKIPACK = 0 - Field Acknowledge sent when device wakes
Inductive
(LC)
RF
Response
(DATA)
125 kHz Field
(on LC pins)
T
CMD
3LF
TE
3LF
TE
3LF
TE 3LFTE
Simultaneous LF
Acknowledge
(LFRSP=1)
RF Acknowledge
(RFRSP=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com