Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5521 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5521
Description  Built-in high-precision voltage detection circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5521 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5521 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1. 概述
HM5521,内置高精度电压检测电路和延迟电路以及内置 MOSFET,是用于单节锂离子/锂
聚合物可再充电电池的保护
IC。
本
IC 适合于对 1 节锂离子/锂聚合物可再充电电池的过充电、过放电和过电流进行保护。
2. 特点
HM5521 具备如下特点:
(
1) 高精度电压检测电路
 过充电检测电压
4.30V
精度
±50mV
 过充电释放电压
4.15V
精度
±70mV
 过放电检测电压
2.45V
精度
±100mV
 过放电释放电压
3.00V
精度
±100mV
(
2) 各延迟时间由内部电路设置(不需外接电容)
 过充电检测延迟时间
典型值
100ms
 过放电检测延迟时间
典型值
100ms
 放电过流检测延迟时间
典型值
20ms
(
3) 低耗电流
 工作模式
典型值
3.0μA ,最大值 6.0μA(VDD=3.5V)
 过放电模式
典型值
1.0μA ,最大值 1.5μA(VDD=2.0V)
(
4) 允许向 0V 电池充电。
(
5) 导通内阻常态 48mΩ, 3.0A 过流保护
(
6) 封装: SOT-23
应用
1 节锂离子可再充电电池组
1 节锂聚合物可再充电电池组
HM552


Similar Part No. - HM5521

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5521A HMSEMI-HM5521A Datasheet
1Mb / 9P
built-in MOSFET
HM5521AMR HMSEMI-HM5521AMR Datasheet
1Mb / 9P
built-in MOSFET
More results

Similar Description - HM5521

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC904 SHARP-PC904 Datasheet
82Kb / 6P
Built-in Voltage Detection Circuit Type Photocoupler
logo
Unisonic Technologies
88CXX UTC-88CXX Datasheet
215Kb / 16P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88CXX UTC-88CXX_10 Datasheet
258Kb / 13P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX UTC-88NXX Datasheet
185Kb / 5P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
Shenzhen Huazhimei Semi...
DW01E HMSEMI-DW01E Datasheet
348Kb / 12P
High precision voltage detection circuit
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
Built-in high-precision voltage detection circuit and built-in MOSFET
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
built-in high-precision voltage detection circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com