Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5521 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5521
Description  Built-in high-precision voltage detection circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5521 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5521 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5521 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3. 封装、脚位及标记信息
脚位
符号
说明
SOT23-5L 管脚排列图
1
NC
悬空
2
VSS
芯片地,接电芯负极
3
VDD
电源输入端
4
VM
充电器
/负载负极连接端
5
VM
充电器
/负载负极连接端
4. 绝对最大额定值
(
VSS=0V,Ta=25℃,除非特别说明)
项目
符号
规格
单位
VDD 和 VSS 之间输入电压
VDD
VSS-0.3~VSS+8
V
VM 输入端子电压
VVM
-8~ +11
V
工作温度范围
TOP
-55~+145
℃
储存温度范围
TST
-40~+145
℃
容许功耗
PD
400
mW
ESD
HBM
4000
V
HM552



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com