Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ACCZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1074ACCZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ACCZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1074ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Isolated, Synchronous Forward Controller
with Active Clamp and iCoupler
Data Sheet
ADP1074
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Current mode controller for active clamp forward topology
Integrated 5 kV (wide body SOIC package) or 3.0 kV (LGA
package) rated dielectric isolation voltage with Analog
Devices, Inc., patented iCoupler technology
Wide voltage supply range
Primary VIN: up to 60 V
Secondary VDD2: up to 36 V
Integrated 1 A primary side MOSFET driver for power switch
and active clamp reset switch
Integrated 1 A secondary side MOSFET drivers for
synchronous rectification
Integrated error amplifier and <1% accurate reference voltage
Programmable slope compensation
Programmable frequency range: 50 kHz to 600 kHz typical
Frequency synchronization
Programmable maximum duty cycle limit
Programmable soft start
Smooth soft start from precharged load
Programmable dead time
Power saving light load mode using MODE pin
Protection features such as short circuit, output overvoltage,
and overtemperature protection
Cycle-by-cycle input overcurrent protection
Precision enable UVLO with hysteresis
PGOOD pin for system flagging
Tracking function from secondary side
Remote (secondary side) shutdown/reset function
Safety and regulatory approvals (pending)
UL recognition
5000 V rms for 1 minute per UL 1577 (for wide body
SOIC package)
3000 V rms for 1 minute per UL 1577 (for LGA package)
CSA component acceptance notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak (for wide body SOIC package)
VIORM = 560 V peak (for LGA package)
CQC certification per GB4943.1-2011
Available in 24-lead SOIC_W package and 24-terminal LGA
package
AEC-Q100 Qualified for Automotive Applications
APPLICATIONS
Isolated dc-to-dc power conversion
Intermediate bus voltage generation
Telecom, industrial
Base station and antenna RF power
Small cell
PoE powered device
Enterprise switches/routers
Core/edge/metro/optical routing
Power modules
SIMPLIFIED BLOCK DIAGRAM
ACTIVE CLAMP
FORWARD
BIAS
WDG
12VDC/8A
INPUT
SYNCHRONOUS
RECTIFIER
OPTIONAL
START-UP
CIRCUITRY
ADP1074
Figure 1.


Similar Part No. - ADP1074ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1074 AD-ADP1074 Datasheet
931Kb / 22P
IEEE 802.3bt PD with Telemetry and Power Priority
Rev A
More results

Similar Description - ADP1074ACCZ-R7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Linear Technology
LTC3765 LINER-LTC3765_15 Datasheet
272Kb / 24P
Active Clamp Forward Controller and Gate Driver
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
LT3752 LINER-LT3752_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
LT3752-1 LINER-LT3752-1_15 Datasheet
609Kb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
897Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Linear Technology
LT3752 LINER-LT3752 Datasheet
538Kb / 10P
Active Clamp Forward Converter with Synchronous Rectification
LT3753 LINER-LT3753 Datasheet
618Kb / 10P
Active Clamp Forward Converter with Synchronous Rectification
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
logo
Analog Devices
LT3752 AD-LT3752 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com