Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ACCZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP1074ACCZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ACCZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP1074ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 9Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 10Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 11 of 32
ABSOLUTE MAXIMUM RATINGS
Table 8.
Parameter
Rating
VIN, EN
−0.3 V to +66 V
VDD2
−0.3 V to +42 V
VREG1
−0.3 V to +16 V
VREG2
−0.3 V to +6 V
NGATE, PGATE
−0.3 V to +16 V
RT, CS, SYNC, SS1, SS2, PGOOD, FB, COMP,
OVP, MODE, DMAX, SR1, SR2
−0.3 V to +6 V
AGND1, PGND1, AGND2, PGND2
±0.3 V
Common-Mode Transients1
±25 kV/μs
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Peak Solder Reflow Temperature
SnPb Assemblies (10 sec to 30 sec)
240°C
RoHS Compliant Assemblies
(20 sec to 40 sec)
260°C
Electrostatic Discharge (ESD)
Charged Device Model (CDM)
±1250 V
Human Body Model (HBM)
±2 kV
1 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum rating can cause latch-up
or permanent damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
Table 9. Thermal Resistance1
Package Type
θJA
θJC
Unit
RW-24 (Wide Body SOIC)
65.4
43.8
°C/W
CC-24-6 (LGA)
62.1
43
°C/W
1 Thermal impedance simulated values are based on JEDEC 2S2P thermal test
board. See JEDEC JESD-51.
Table 10. Maximum Continuous Working Voltage, Wide
Body SOIC1
Waveform
Maximum
Voltage (VPEAK)
Constraint
AC Voltage
Bipolar
565
50-year minimum lifetime
Unipolar
1131
50-year minimum lifetime
DC Voltage
1131
50-year minimum lifetime
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
Table 11. Maximum Continuous Working Voltage, LGA1
Waveform
Maximum
Voltage (VPEAK)
Constraint
AC Voltage
Bipolar
565
50-year minimum lifetime
Unipolar
909
Limited by creepage
DC Voltage
565
Limited by creepage
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com