Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP1074ACCZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP1074ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 15 of 32
–25
–10
5
20
35
50
65
80
95
110
125
–40
TEMPERATURE (°C)
18
19
20
21
22
23
24
MINIMUM
MEAN
MAXIMUM
Figure 10. SR Dead Time (SR1 Falling to SR2 Rising) vs. Temperature
–25
–10
5
20
35
50
65
80
95
110
125
–40
TEMPERATURE (°C)
22
23
24
25
26
28
29
27
MINIMUM
MEAN
MAXIMUM
Figure 11. SR Dead Time (SR2 Falling to SR1 Rising) vs. Temperature
–25
–10
5
20
35
50
65
80
95
110
125
–40
TEMPERATURE (°C)
25
27
29
31
33
35
37
39
41
43
MINIMUM
MEAN
MAXIMUM
Figure 12. NGATE Delay (SR1 Rising to NGATE Rising) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com