Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ACCZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1074ACCZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ACCZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1074ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP1074
Data Sheet
Rev. D | Page 22 of 32
SYNCHRONOUS RECTIFIER (SR) DRIVERS
There are two synchronous rectifier drivers on the secondary
side for driving the synchronous switches. SR1 is the forward
driver that is in phase with the primary side NGATE driver,
and SR2 is the freewheeling driver. VDD2 is the front end of
the LDO at VREG2. The 5 V internal LDO at VREG2 powers
the SRx drivers and all internal circuits on the secondary side.
The recommended power supply range at VDD2 is from 6 V to
36 V. However, at 36 V input to VDD2, the power dissipation
in the LDO can be significant. If VDD2 is less than 5 V, the
LDO operates in the dropout region, where VREG2 and the
driver output are less than 5 V. In this case, it is recommended
to supply VDD2 with an auxiliary power supply greater than 5 V.
VDD2 can be directly connected to the converter output or an
auxiliary power supply, which can be realized by using a third
winding of the main transformer. For additional drive strength,
SR1 and SR2 can be fed into an external MOSFET driver such
as the ADP3624 or the ADP3654.
OUTPUT OVERVOLTAGE PROTECTION (OVP)
When the output voltage exceeds the OVP threshold of 1.36 V,
the controller immediately shuts off the drivers (NGATE, PGATE,
SR1, and SR2) on both the primary and secondary side. When
the voltage at the OVP drops below the OV hysteresis level, the
controller resumes switching in the next switching period with
the primary drivers, followed by phasing in of the SR1 and SR2
PWMs. The OVP feature causes the system to enter hiccup for
200 ms if the voltage on the OVP pin exceeds 1.36 V for a
sustained period of 200 μs.
ACTIVE CLAMP (PGATE)
In a forward converter, the magnetizing energy stored in the
transformer core during the on cycle must be demagnetized or
reset during the off cycle; otherwise, the transformer core
saturates in subsequent switching cycles. To reset the transformer
core, an active clamp switch is turned on during the off cycle,
which enables the reset of the transformer. This process reduces
power dissipation and increases overall efficiency. The active
clamp switch can be a high-side or a low-side switch using the
driver at the PGATE pin.
LEADING EDGE BLANKING
A leading edge blanking time is added after the rising edge of
the NGATE signal to avoid picking up any unwanted noise or
ringing at the CS pin at the start of the switching period.
GATE DELAY AND SR DEAD TIME
At high input voltages, the rise and fall times of the main MOSFET
on the primary side are larger than at lower input voltages. It is
important to have a programmable delay time between the PGATE
rising and the NGATE rising to account for different input
voltages, leakage inductances of the transformer, and MOSFET
output capacitances. Also, a sufficient gate delay between
PGATE and NGATE ensures zero volt switching (ZVS), which
is important for reducing switching losses in the main
MOSFET.
The total delay between the PGATE and NGATE rising edges
can be programmed with a resistor connected to the NGATE
pin. The resistor connected to NGATE is determined by the
ADP1074 prior to soft start. The programmable delay between
PGATE to NGATE has four discrete settings having typical
values of 30 ns, 60 ns, 100 ns, and 150 ns. See Figure 17 for
more details.
PGATE
FIXED
25ns
FIXED
25ns
30ns TO 150ns
SR DEAD TIME
(NGATE RESISTOR)
SR DEAD TIME
(NGATE RESISTOR)
SR2
SR1
NGATE
GATE DELAY
35ns
iCOUPLER DELAY
Figure 17. Gate Delay and SR Dead Time Settings
To maximize efficiency and avoid cross conduction between
the primary NGATE and SR2 (freewheeling switch), it is
necessary to have a delay time between SR2 and NGATE.
As shown in Figure 17, the NGATE falling edge and SR1 falling
edge turn off simultaneously with an iCoupler delay.
In addition, a dead time between SR1 and SR2 is internally
fixed to 25 ns (typical) to avoid shorting out the secondary
transformer winding.
LIGHT LOAD MODE (LLM) AND SR PHASE IN
Add a resistor at the MODE pin to enable the ADP1074 power
saving LLM feature. A current source from the MODE pin of
6.5 μA into this resistor sets up the LLM threshold voltage, which
is compared to the COMP voltage. When the COMP voltage
rises above the LLM threshold (that is, the MODE pin voltage),
the SRx PWMs gradually increase (or phase in) from the duty
cycle at light load to the steady state duty cycle at the SRx phase
in rate. The SRx phase in rate moves the SRx edges every
1.5 ns per μs. Without the phase in sequence, a dip in the output
voltage can occur if the SRx PWMs transition from zero to full
duty cycle instantaneously.
In a load dump situation, for example, when the load is stepped
from full load to light load, that is, from continuous conduction
mode (CCM) to discontinuous conduction mode (DCM) oper-
ation, the duty cycles of the SRx PWMs gradually phase out at
the SRx phase out rate, which has the same numerical value of
the SRx phase in rate. The phase out sequence of the SRx PWMs
prevents reverse current in the secondary, and at the same time,
optimizes the dynamic performance of the output response.
Note that the level of COMP is still above the minimum COMP
clamp level at this point, and the ADP1074 outputs duty cycles
with minimum on time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com