Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1074ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1074ACCZ-R7
Description  Isolated, Synchronous Forward Controller with Active Clamp and iCoupler
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1074ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1074ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADP1074ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADP1074
Rev. D | Page 17 of 32
DETAILED BLOCK DIAGRAM
Figure 13 shows a detailed block diagram of the ADP1074.
VREG1
NGATE
VIN
CS
8V LDO
DRV
OSCILLATOR
RT
Q
S
R
LOGIC
AGND2
5V LDO
VDD2
PGOOD
THERMAL
LIMIT
1.10V
LOGIC
OVP
VREF2
VREG2
VREF
1.2V
VREG
SR1
SR2
PWM
LOGIC
CONTROL
PGATE
DRV
LOGIC
AND
DEAD
TIME
CTRL
PGND2
PGND1
COMP
AGND1
14V
DRV
VREG2
VREG2
VREG2
DRV
MODE
DMAX
SS1
OV
LLM
THRESHOLD
COMP
DC
1.36V
COMP
FB
gm
AMPLIFIER
1.2VREF
VREG2
CLAMP MAXIMUM
CLAMP MINIMUM
SS2
OCP RECOVERY
SLOPE RAMP
SYNC
fOSC
EN
1.2V
4µA
1µA
Tx
VREG
OV
BIAS
OC THRESHOLD
DETECT SECONDARY
SIDE UVLO AND
HANDOVER CONTROL
FROM PRIMARY
HANDOVER TO
SECONDARY
1.36V
Rx
Tx
Rx
OV DETECT
6µA
Figure 13. Detailed Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com