Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3549F Datasheet(PDF) 32 Page - Micronas

Part # MAS3549F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3549F Datasheet(HTML) 32 Page - Micronas

Back Button MAS3549F Datasheet HTML 28Page - Micronas MAS3549F Datasheet HTML 29Page - Micronas MAS3549F Datasheet HTML 30Page - Micronas MAS3549F Datasheet HTML 31Page - Micronas MAS3549F Datasheet HTML 32Page - Micronas MAS3549F Datasheet HTML 33Page - Micronas MAS3549F Datasheet HTML 34Page - Micronas MAS3549F Datasheet HTML 35Page - Micronas MAS3549F Datasheet HTML 36Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
MAS 35x9F
DATA SHEET
32
June 30, 2004; 6251-505-1DS
Micronas
3.3.4.1. Application Selection and
Application Running
The AppSelect cell is a global user interface configura-
tion cell, which has to be written in order to start a spe-
cific application.
The AppRunning cell is a global user interface status
cell, which indicates, which application loop is actually
running.
1. Write “0” to AppSelect
2. Check AppRunning for “0”
3. Write value to AppSelect according to Table 3–8
(determines start time of Application program)
4. Apply necessary/wanted control settings
(D0:346..357)
3.3.4.2. Application Specific Control
The configuration of the MPEG Layer 2/3, AAC decod-
ing and the G.729 codec firmware is done via the con-
trol memory cells described in Table 3–9. The changes
applied to any of the control memory cells have to be
validated by setting bit[0] of memory cell Main I/O Con-
trol. This bit will be reset automatically after the
changes have been taken over by the DSP.
The status memory cells in Table 3–11 are used to
read the decoder status and to get additional MPEG
bitstream information.
Note: DSP memory cells not given in Table 3–8 or
Table 3–9 must not be written.
Table 3–8: D0 control memory cells: mode selection
Memory
Address
(hex)
Function
Name
D0:34b
Application Selection
All
AppSelect is used for selecting an application. This is done by setting the
appropriate bit to one. It is principally allowed to set more than one bit to one,
e.g. setting AppSelect to 1Chex will select all MPEG audio decoders. The
auto-detection feature will automatically detect the Layer 2, Layer 3, or AAC
data. Setting bit[0] or bit[1] will make the DSP loop in the OS loop or the Top
Level loop respectively.
To add/remove MPEG layers while running in MPEG decoding mode (e.g.
change from Layer 2, Layer 3 (0Chex) to Layer 2, Layer 3, AAC (1Chex)), the
application selection has to be reset to 00hex before writing the new value.
bit[5]
G.729 Codec
bit[4]
MPEG AAC Decoder
bit[3]
MPEG Layer 3 Decoder
bit[2]
MPEG Layer 2 Decoder
bit[1]
Top Level
bit[0]
Operating System
AppSelect
D0:34c
Application Running
All
The AppRunning cell is a global user interface status cell, that indicates which
application loop is actually running. Prior to writing any of the configuration
registers or memory cells (except AppSelect), it has to be checked whether
the appropriate bit(s) in the AppRunning cell is set.
bit[5]
G.729 Codec
bit[4]
MPEG AAC Decoder
bit[3]
MPEG Layer 3 Decoder
bit[2]
MPEG Layer 2 Decoder
bit[1]
Top Level
bit[0]
Operating System
AppRunning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com