Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3549F Datasheet(PDF) 84 Page - Micronas

Part # MAS3549F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3549F Datasheet(HTML) 84 Page - Micronas

Back Button MAS3549F Datasheet HTML 80Page - Micronas MAS3549F Datasheet HTML 81Page - Micronas MAS3549F Datasheet HTML 82Page - Micronas MAS3549F Datasheet HTML 83Page - Micronas MAS3549F Datasheet HTML 84Page - Micronas MAS3549F Datasheet HTML 85Page - Micronas MAS3549F Datasheet HTML 86Page - Micronas MAS3549F Datasheet HTML 87Page - Micronas MAS3549F Datasheet HTML 88Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 92 page
background image
MAS 35x9F
DATA SHEET
84
June 30, 2004; 6251-505-1DS
Micronas
4.6.4. DC/DC Converter Characteristics
at T = TA, Vin =1.2 V, Voutn =3.0 V, fclk = 18.432 MHz, fsw = 384 kHz, PWM mode, L = 22 µH, in P(L/M)QFP pack-
age (unless otherwise noted) Typ. values for TA = 25 °C
XTALKAO
Crosstalk attenuation left/right
channel (headphone)
OUTLR
80
dB
f = 1 kHz, sine wave,
OUTL/R: RL≥16 Ω
(see Fig. 5–1 on page 89)
analog gain = 0 dB
input =
−3dBFS
PSRRAO
Power supply rejection ratio
for analog audio outputs
AVDD0/1
OUTL/R
70
dB
1 kHz sine at 100 mVrms
35
dB
≤100 kHz sine at
100 mVrms
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
VIN
Minimum start-up input
voltage
0.9
V
ILOAD ≤ 1mA,
DCCF = 5050hex (reset)
VIN
Minimum operating input
voltage
1)
DC1
DC2
0.7
0.8
VILOAD = 50 mA,
DCCF = 5050hex (reset)
DC1
DC2
1.1
1.2
VILOAD = 200 mA,
DCCF = 5050hex (reset)
VOUT
Programmable output voltage
range
VSENSn
2.0
3.5
V
Voltage settings in DCCF
register (I2C subaddress
76hex)
VOTOL
Output voltage tolerance
VSENSn
−4
4%
ILOAD =20mA
TA = 25 °C
2)
ILOAD1
Output current
1 battery cell
VSENSn
200
mA
VIN = 0.9...1.5 V, 330 µF
ILOAD2
Output current
2 battery cells
600
mA
VIN = 1.8...3.0 V, 330 µF
dVOUT/
dVIN/VOUT
Line regulation
VSENSn
0.7
%/V
ILOAD =20mA
dVOUT/
VOUT
Load regulation
VSENSn
−1.8
%
ILOAD = 20...200 mA,
hmax
Maximum efficiency
95
%
VIN =2.4 V, VOUT =3.5 V
fswitch
Switching frequency
DCSOn
297
384
576
kHz
(see Section 2.6.2. on
page 12), (see Table 3–3)
fstartup
Switching frequency during
start-up
DCSOn
250
kHz
VSENSn < 1.9 V
1) Since the regulators are bootstrapped, once started they will operate down to 0.7 V input voltage
2) PFM mode regulates approx. 1% higher



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com