Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3549F Datasheet(PDF) 18 Page - Micronas

Part # MAS3549F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3549F Datasheet(HTML) 18 Page - Micronas

Back Button MAS3549F Datasheet HTML 14Page - Micronas MAS3549F Datasheet HTML 15Page - Micronas MAS3549F Datasheet HTML 16Page - Micronas MAS3549F Datasheet HTML 17Page - Micronas MAS3549F Datasheet HTML 18Page - Micronas MAS3549F Datasheet HTML 19Page - Micronas MAS3549F Datasheet HTML 20Page - Micronas MAS3549F Datasheet HTML 21Page - Micronas MAS3549F Datasheet HTML 22Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
MAS 35x9F
DATA SHEET
18
June 30, 2004; 6251-505-1DS
Micronas
2.10.2.Setup
Table 3–10 on page 39 lists the new bits, UIC cells,
and registers to setup the MP3 block input mode.
2.10.2.1.Resync Timeout
In case the MP3 decoder loses the synchronization
(e.g. due to corrupted input data), the output is softly
muted and a resync loop is entered where the
MAS 35x9F can be accessed via I2C. The loop is left
and the re-synchronization procedure continues in any
of the following cases:
– the last input data block is fully sent,
– the Validate bit of IOControlMain is set
(D0:346, bit[0]),
– the timeout is reached (ResyncTimeout in
Table 3–10), the end bit is set (this bit will be reset
by the MAS 35x9F).
2.10.2.2.Detailed Setup
After the MPEG audio decoder application has been
selected, the following settings enable the MP3 block
decoding process.
Play MP3
1. Write 0x318 into SerialInConfig.
2. Write IOControlMain with bit[2] and bit[0] equal one.
3. Write IOControlMain with bit[2] equals zero and
bit[0] equals one.
4. Write 0x0 into ResyncTimeout.
5. Write 0x0 into SoftMute.
6. Enable EODQ interrupt for sending data in controller.
7. Set StartBit in MP3BlockConfig.
8. Send data block of 2048 byte when EODQ goes
high.
Stop/Pause MP3
1. Write 0x1 into SoftMute.
2. Clear start bit in MP3BlockConfig.
2.11.Default Operation
This sections refers to the standard operation mode
“power-optimized solution” (see Section 2.6.3.).
2.11.1. Stand-by Functions
After applying the battery voltage, the system will
remain stand-by, as long as the DCEN pin level is kept
low. Due to the low stand-by current of CMOS circuits,
the battery may remain connected to DCSOn/VSENSn
at all times.
2.11.2.Power-Up of the DC/DC Converters
and Reset
The battery voltage must be applied to pin DCSOn via
the 22 µH inductor and, furthermore, to the sense pin
VSENSn via a Schottky diode (see Fig. 2–7 on
page 13).
For start-up, the pin DCEN must be connected via an
external “start” push button to the I2CVDD supply,
which is equivalent to the battery supply voltage
(> 0.9 V) at start-up.
The supply at DCEN must be applied until the DC/DC
converters have started up (signal at pin PUP) and
then removed for normal operation.
As soon as the output voltage at VSENSn reaches the
default voltage monitor reset level of 3.0 V, the respec-
tive internal PUPn bit will be set. When both PUPn bits
are set, the signal at pin PUP will go high and can be
used to start and reset the microcontroller.
Before transmitting any I2C commands, the controller
must issue a power-on reset to pin POR. The separate
supply pin I2CVDD ensures that the I2C interface
works independently from the DSP or the audio codec.
Now the desired supply voltage can be programmed at
I2C subaddress 76hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com