Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3549F Datasheet(PDF) 15 Page - Micronas

Part # MAS3549F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3549F Datasheet(HTML) 15 Page - Micronas

Back Button MAS3549F Datasheet HTML 11Page - Micronas MAS3549F Datasheet HTML 12Page - Micronas MAS3549F Datasheet HTML 13Page - Micronas MAS3549F Datasheet HTML 14Page - Micronas MAS3549F Datasheet HTML 15Page - Micronas MAS3549F Datasheet HTML 16Page - Micronas MAS3549F Datasheet HTML 17Page - Micronas MAS3549F Datasheet HTML 18Page - Micronas MAS3549F Datasheet HTML 19Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
15
2.7. Battery Voltage Supervision
Independent of the DC/DC converters, a battery volt-
age supervision circuit (at pin VBAT) is provided. It can
be programmed to supervise one or two battery cells.
The voltage is measured by subsequently setting a
series of voltage thresholds and checking the respec-
tive comparison result in register 77hex.
2.8. Interfaces
The MAS 35x9F uses an I2C control interface, a serial
input interface for MPEG bit streams, and digital audio
output interfaces for the decoded audio data (I2S and
S/PDIF). S/PDIF input is available after Software
download. A parallel I/O interface (PIO) may be used
for fast data exchange.
2.8.1. I2C Control Interface
For controlling and program download purposes, a
standard I2C slave interface is implemented. A
detailed description of all functions can be found in
Section 3.
2.8.2. S/PDIF Input Interface
The S/PDIF interface receives a one-wire serial bus
signal. In addition to the signal input pin SPDI1/SPDI2,
a reference pin SPDIR is provided to support balanced
signal sources or twisted pair transmission lines.
The synchronization time on the input signal is
<50ms.
S/PDIF input is not supported for MPEG 1/2 Layer 2/3
and MPEG 2 AAC.
Micronas has developed a download software for flexi-
ble usage of the S/PDIF I/O and SDI/SDO interfaces. It
is described in Download Software Supplement
I2SPDIF (6251-505-1PDS).
2.8.3. S/PDIF Output
The S/PDIF output of the baseband audio signals is
implemented at pin SPDO since version B4.
The channel status bits can be set as described in
Table 3–8.
2.8.4. Multiline Serial Audio Input (SDI, SDIB)
There are two multiline serial audio input interfaces
(SDI, SDIB) each consisting of the three pins SI(B)C,
SI(B)I, and SI(B)D. The standard firmware only sup-
ports SDIB for bit-stream signals, while PCM-inputs
should be routed to SDI.
The interfaces can be configured as continuous bit-
stream or word-oriented inputs. For the MPEG bit
streams, the word strobe pin SIBI must always be con-
nected to VSS; bits must be sent MSB first as created
by the encoder.
If the download software (refer to Download Software
Supplement I2SPDIF (6251-505-1PDS)) is used, the
interface acts as an I2S-type with SI(B)I as a word-
strobe for PCM data.
For the Demand Mode (see Section 2.5.), the signal
clock coming from the data source must be higher than
the nominal data transmission rate (e.g. 128 kbit/s).
Pin EOD is used to interrupt the data flow whenever
the input buffer of the MAS 35x9F is filled.
For controlling details, please refer to Table 3–8 on
page 32.
2.8.5. Multiline Serial Output (SDO)
The serial audio output interface of the MAS 35x9F is
a standard I2S-like interface consisting of the data
lines SOD, the word strobe SOI and the clock signal
SOC. It is possible to choose between two standard
interface configurations (16-bit data words with word
strobe time offset or 32-bit data words with inverted
SOI signal).
If the serial output generates 32 bits per audio sample,
only the first 20 bits will carry valid audio data. The
12 trailing bits are set to zero by default.
2.8.6. Parallel Input/Output Interface (PIO)
The parallel interface of the MAS 35x9F consists of the
8 data lines PI12...PI19 (MSB) and the control lines
PCS, PR, PRTR, PRTW, and EOD. It can be used for
data exchange with an external memory, for fast pro-
gram download and for other special purposes as
defined by the DSP software.
For MPEG data input, the PIO interface is activated by
setting bits[9] and [8] in D0:346 to 01. For the hand-
shake protocol, please refer to Section 4.6.2.8. on
page 80.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com