Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3549F Datasheet(PDF) 58 Page - Micronas

Part # MAS3549F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3549F Datasheet(HTML) 58 Page - Micronas

Back Button MAS3549F Datasheet HTML 54Page - Micronas MAS3549F Datasheet HTML 55Page - Micronas MAS3549F Datasheet HTML 56Page - Micronas MAS3549F Datasheet HTML 57Page - Micronas MAS3549F Datasheet HTML 58Page - Micronas MAS3549F Datasheet HTML 59Page - Micronas MAS3549F Datasheet HTML 60Page - Micronas MAS3549F Datasheet HTML 61Page - Micronas MAS3549F Datasheet HTML 62Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
MAS 35x9F
DATA SHEET
58
June 30, 2004; 6251-505-1DS
Micronas
23
23
23
CLKO
OUT
LV
Clock output
24
24
24
I2CC
IN/OUT
OBL
I2C clock
25
25
25
I2CD
IN/OUT
OBL
I2C data
26
26
26
SYNC
OUT
LV
Sync output
27
27
27
VBAT
IN
LV
Battery voltage monitor
input
28
28
28
PUP
OUT
LV
DC Converters Power-Up
Signal
29
29
29
EOD
OUT
LV
PIO end of DMA, active low
30
30
30
PRTR
OUT
LV
PIO ready to read, active
low
31
31
31
PRTW
OUT
LV
PIO ready to write, active
low
32
32
32
PR
IN
VDD
PIO DMA request, active
high
33
33
33
PCS
IN
VSS
PIO chip select, active low
34
34
34
PI19
IN/OUT
LV
PIO data bit[7] (MSB)
35
35
35
PI18
IN/OUT
LV
PIO data bit[6]
36
36
36
PI17
IN/OUT
LV
PIO data bit[5]
37
37
37
PI16
IN/OUT
LV
PIO data bit[4]
38
38
38
PI15
IN/OUT
LV
PIO data bit[3]
39
39
39
PI14
IN/OUT
LV
PIO data bit[2]
40
40
40
PI13
IN/OUT
LV
PIO data bit[1]
41
41
41
PI12
IN/OUT
LV
PIO data bit[0] (LSB)
42
42
42
SOD
OUT
LV
Serial output data
43
43
43
SOI
OUT
LV
Serial output word identifi-
cation
44
44
44
SOC
OUT
LV
Serial output clock
45
45
45
SID
IN/OUT
OBL
Serial input data, interface A
46
46
46
SII
IN/OUT
OBL
Serial input word identifica-
tion, interface A
47
47
47
SIC
IN/OUT
OBL
Serial input clock, interface
A
48
48
48
SPDO
OUT
LV
S/PDIF output interface
49
49
49
SIBD
IN
VSS
Serial input data, interface B
Pin No.
Pin Name
Type
Connection
Short Description
PLQFP
64-1
PMQFP
64-2
PQFN
64-1
(If not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com