Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 83Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 84Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 85Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 86Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 87Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 88Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 89Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 90Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 124 page
background image
Chapter 4: BIOS
87
SLOT5 PCIe Speed
Use this feature to select the PCI Express port speed. The options are
Auto, Gen1, Gen2,
and Gen3.
SLOT5 Detect Non-Compliance Device
Select Enabled for the AMI BIOS to automatically detect a PCI-E device that is not compliant
with the PCI-E standards. The options are
Disabled and Enabled.
Port 61h bit-4 Emulation
Select Enabled to enable the emulation of Port 61h bit-4 toggling in SMM (System Management
Mode). The options are Disabled and
Enabled.
PCIe PLL SSC
Enable this feature to reduce EMI interference by down spreading clock 0.5%. Disable this
feature to centralize the clock without spreading. The options are
Disabled and Enabled.
SATA Configuration
When this submenu is selected, the AMI BIOS automatically detects the presence of the SATA
devices that are supported by the Intel PCH chip and displays the following items:
SATA Controller(s)
This item enables or disables the onboard SATA controller supported by the Intel PCH chip.
The options are
Enabled and Disabled.
SATA Mode Selection
Use this item to select the mode for the installed SATA drives. The options are
AHCI and RAID.
SATA Frozen
Use this item to enable the HDD Security Frozen Mode. The options are Enabled and
Disabled.
*If the item above "SATA Mode Selection" is set to RAID, the following items will
display:
SATA RAID Option ROM/UEFI Driver
Select UEFI to load the EFI drvier for system boot. Select Legacy to load a legacy driver
for system boot. The options are
Legacy ROM and UEFI Driver.
SATA Port 0 ~ Port 7 (Port 6 and Port 7 on X11SSM-F only)
This item displays the information detected on the installed SATA drive on the particular
SATA port.
• Model number of drive and capacity
• Software Preserve Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com