Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 24Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 25Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 26Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 27Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 28Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 29Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 30Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 31Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
28
X11SSM(-F)/X11SSL(-F) User Manual
Thermal Grease
Heatsink
Fins
Installing an Active CPU
Heatsink with Fan
1. Locate the CPU fan power connector on
the motherboard. (Refer to the layout on
the right for the CPU fan location.)
2. Position the heatsink so that the heatsink
fan wires are closest to the CPU fan
power connector and are not interfering
with other components.
3. Inspect the CPU fan wires to make sure
that the wires are routed through the
bottom of the heatsink.
4. Remove the thin layer of protective film
from the heatsink.
Important: CPU overheating may oc-
cur if the protective film is not removed
from the heatsink.
5. Apply the proper amount of thermal
grease on the CPU.
Note: If your heatsink came with a ther-
mal pad, please ignore this step.
6. If necessary, rearrange the wires to
make sure that the wires are not pinched
between the heatsink and the CPU. Also
make sure to keep clearance between the
fan wires and the fins of the heatsink.
Recommended Supermicro heatsink:
SNK-P0046A4 or SNK-P0051AP4
active heatsink
(2U+ or 4U chassis)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com