Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 51Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 52Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 53Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 54Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 55Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 56Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 57Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 58Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 124 page
background image
55
Chapter 2: Installation
CPU
VGA
LAN2
LAN1
LE1
COM1
USB6/7
(3.0)
USB0/1
IPMI_LAN
JUIDB1
MAC CODE
JPL1
LED BMC
JPL2
FAN1
FAN2
FAN3
FANA
LED PWR
USB10(3.0)
JF1
I-SATA2
I-SATA7
JBT1
JL1
USB2/3
X11SSM(-F)/X11SSL(-F)
REV:1.01
Designed in the USA
BMC
SP1
Intel PCH
BT1
2
1. I-SATA0
2. I-SATA1
3. I-SATA2
4. I-SATA3
5. I-SATA4
6. I-SATA5
7. I-SATA6 (X11SSM/-F
only)
8. I-SATA7 (X11SSM/-F
only)
SATA Ports
Six SATA 3.0 connectors are located on the X11SSM(-F)/X11SSL(-F) motherboard, supported
by the Intel C232/C236 PCH chip. These SATA ports support RAID 0, 1, 5, and 10. SATA
ports provide serial-link signal connections, which are faster than the connections of Parallel
ATA. See the tables below for pin definitions. Two additional SATA 3.0 connectors (I-SATA
6-7) are located on the X11SSM(-F) motherboard.
Note 1: I-SATA0 and I-SATA1 are Supermicro SuperDOMs. These are yellow SATA-
DOM connectors with power pins built in and do not require separate external power
cables. These connectors are backward-compatible with non-Supermicro SATADOMs
that require an external power supply.
Note 2: For more information on the SATA HostRAID configuration, please refer to the
Intel SATA HostRAID user's guide posted on our website at http://www.supermicro.com.
5
6
7
4
3
8
SATA 3.0 Port
Pin Definitions
Pin#
Signal
1
Ground
2
SATA_TXP
3
SATA_TXN
4
Ground
5
SATA_RXN
6
SATA_RXP
7
Ground
X11SSM(-F)/X11SSL(-F) SATA 3.0 Connector Types
Port #
Connection Type
I-SATA0-1 (Two)
SATA 3.0/6 Gb/s
RAID 0, 1, 5, 10
SuperDOM connectors
I-SATA2-5 (Four)
SATA 3.0/6 Gb/s
RAID 0, 1, 5, 10
Supported by
Intel C232/C236 PCH-Exp.
I-SATA 6-7 (Two)
[X11SSM(-F) only]
SATA 3.0/6 Gb/s
RAID 0, 1, 5, and 10
Supported by
Intel C236 PCH
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com