Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 59Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 60Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 61Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 62Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 63Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 64Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 65Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 66Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 124 page
background image
63
Chapter 2: Installation
CPU
VGA
LAN2
LAN1
LE1
COM1
USB6/7
(3.0)
USB0/1
IPMI_LAN
JUIDB1
MAC CODE
JPL1
LED BMC
JPL2
FAN1
FAN2
FAN3
FANA
LED PWR
USB10(3.0)
JF1
I-SATA2
I-SATA7
JBT1
JL1
USB2/3
X11SSM(-F)/X11SSL(-F)
REV:1.01
Designed in the USA
BMC
SP1
Intel PCH
BT1
1
1. IPMI LAN
2. Onboard PWR LED
2
IPMI-Dedicated LAN LEDs (-F versions only)
In addition to LAN 1 and LAN 2, an IPMI LAN is also located on the I/O back panel. The
amber LED on the right indicates activity, while the green LED on the left indicates the speed
of the connection. Refer to the table below for more information.
IPMI LAN LEDs
Color/State
Definition
Link (left)
Green: Solid
Amber: Solid
100 Mbps
1Gbps
Activity (Right)
Amber: Blinking
Active
IPMI LAN
Activity LED
Link LED
LAN 1/LAN 2
IPMI LAN
(X8ST3-F)
Onboard Power LED
The Onboard Power LED is located at LEDPWR on the motherboard. When this LED is on,
the system is on. Be sure to turn off the system and unplug the power cord before removing
or installing components. Refer to the table below for more information.
Onboard Power LED Indicator
LED Color
Definition
Off
System Off
(power cable not
connected)
Green
System On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com