Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X11SSL Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # X11SSL
Description  X11SSM(-F)/X11SSL(-F) User Manual
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X11SSL Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button X11SSL Datasheet HTML 12Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 13Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 14Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 15Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 16Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 17Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 18Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 19Page - List of Unclassifed Manufacturers X11SSL Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
16
X11SSM(-F)/X11SSL(-F) User Manual
Note: The table above is continued on the next page.
Motherboard Features
Peripheral Devices
• Two (2) USB 2.0 ports on the rear I/O panel (USB 0/1)
• Two (2) front accessible USB 2.0 headers (USB 2/3, USB 4/5),
• Two (2) USB 3.0 ports on the rear I/O panel (USB 6/7)
• One (1) front accessible USB 3.0 header (USB 8/9)
• One (1) USB 3.0 Type-A header (USB 10)
BIOS
• 128Mb AMI BIOS® SPI Flash BIOS
• Play and Plug (PnP0, DMI 3.0, ACPI 4.0+, USB Keyboard and SMBIOS
Power Management
• ACPI Power Management
• Power / suspend-state indicator LED
• Main switch override mechanism
• Riser Card auto-detection
• Power-on mode for AC power recovery
• Keyboard Wakeup from Soft-Off
• CPU Fan auto-off in sleep mode
System Health Monitoring
• Onboard voltage monitoring for CPU core, CPU VCCIO power (0.95V), CPU VCCSA power (1.05V), memory power (1.2V),
chipset power (1.0V), BMC power (1.2V), +12V, +5V, +5V standby, +3.3V, +3.3V standby, and VBAT.
• CPU 3-phase switching voltage regulator
• CPU/System overheat LED and control
• CPU Thermal Trip support
• Thermal Monitor 2 (TM2) support
Fan Control
• Fan status monitoring with firmware 4-pin fan speed control via IPMI interface
• Low noise fan speed control
System Management
• Trusted Platform Module (TPM) support
• PECI (Platform Environment Control Interface) 2.0 support
• Node Manager Support (X11SSM-F only)
• IPMI View
• System resource alert via SuperDoctor® 5
• SuperDoctor® 5, Watch Dog, NMI
• Chassis intrusion header and detection
• Server platform service



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com