Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWK-3131A-RCC Datasheet(PDF) 1 Page - Moxa Inc.

Part # AWK-3131A-RCC
Description  Industrial IEEE 802.11a/b/g/n wireless AP/client
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

AWK-3131A-RCC Datasheet(HTML) 1 Page - Moxa Inc.

  AWK-3131A-RCC Datasheet HTML 1Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 2Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 3Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 4Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 5Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 6Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.moxa.com
1
AWK-3131A-RCC Series
Industrial IEEE 802.11a/b/g/n wireless AP/client
Features and Benefits
•
Designed specifically for rail carriage-to-carriage communication
•
IEEE 802.11a/b/g/n compliant
•
Up to 300 Mbps data rate
•
M12 anti-vibration connectors
•
MIMO technology increases data throughput and range
•
Complies with all EN 50155 mandatory test items1
•
Wide-temperature models available for -40 to 75°C environments
•
Supports the Auto Carriage-to-Carriage connection function
Certifications
Introduction
The AWK-3131A-RCC Series industrial 802.11n wireless AP/client is an ideal wireless solution for applications such as onboard passenger
infotainment systems and inter-carriage wireless backbone networks because it provides a faster data rate compared to 802.11g devices. The auto
carriage connection (ACC) feature facilitates easy deployment of wireless devices and increases the reliability of wireless carriage backbone
networks. The AWK-3131A-RCC Series is also optimized for passenger Wi-Fi services and complies with a portion of the EN 50155 specifications
covering operating temperature, power input voltage, surge, ESD, and vibration, making the products suitable for a variety of industrial
applications. The AWK-3131A-RCC Series can also be powered via the PoE port for easier deployment.
High Data Rate and Bandwidth
• High-speed wireless connectivity with up to 300 Mbps data rate
• MIMO technology to improve the capability of transmitting and receiving multiple data streams
• Increased channel width with channel bonding technology
Designed for Industrial-grade Applications
• Industrial-grade QoS and VLAN for efficient data traffic management
• Integrated DI/DO for on-site monitoring and warnings
• Signal strength LEDs for easy deployment and antenna alignment
Specifications
WLAN Interface
WLAN Standards
802.11a/b/g/n
802.11i Wireless Security
Modulation Type
DSSS
OFDM
802.11b: CCK @ 11/5.5 Mbps
802.11b: DQPSK @ 2 Mbps
802.11b: DBPSK @ 1 Mbps
802.11a/g: 64QAM @ 54/58 Mbps
802.11a/g: 16QAM @ 36/24 Mbps
802.11a/g: QPSK @ 18/12 Mbps
802.11a/g: BPSK @ 9/6 Mbps
802.11n: 64QAM @ 300 Mbps to BPSK @ 6.5 Mbps
Frequency Band for US (20 MHz operating channels)
2.412 to 2.462 GHz (11 channels)
1.
This product is suitable for rolling stock railway applications, as defined by the EN 50155 standard. For a more detailed statement, click here: www.moxa.com/
doc/specs/EN_50155_Compliance.pdf


Similar Part No. - AWK-3131A-RCC

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
AWK-3131A-RTG MOXA-AWK-3131A-RTG Datasheet
1Mb / 8P
Industrial IEEE 802.11a/b/g/n wireless AP/client
More results

Similar Description - AWK-3131A-RCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W415 ETC2-W415 Datasheet
38Kb / 1P
IEEE 802.11a/b/g Wireless Mini PCI
logo
ORing Industrial Networ...
TGAP-6620 ORING-TGAP-6620 Datasheet
484Kb / 6P
Industrial EN50155 Dual RF in IEEE 802.11 a/b/g/n Wireless AP
TGAP-W610 ORING-TGAP-W610 Datasheet
521Kb / 5P
Industrial EN50155 IEEE 802.11 a/b/g/n AP
logo
Moxa Inc.
AWK-1131A MOXA-AWK-1131A Datasheet
676Kb / 6P
Entry-level industrial IEEE 802.11a/b/g/n wireless AP/client
AWK-1137C MOXA-AWK-1137C Datasheet
1Mb / 7P
Industrial 802.11a/b/g/n wireless client
AWK-3131A MOXA-AWK-3131A Datasheet
855Kb / 6P
Industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
AWK-3131A-RTG MOXA-AWK-3131A-RTG Datasheet
1Mb / 8P
Industrial IEEE 802.11a/b/g/n wireless AP/client
AWK-4131A MOXA-AWK-4131A Datasheet
974Kb / 7P
Outdoor industrial IEEE 802.11a/b/g/n wireless AP/bridge/client
logo
Suntsu Electronics, Inc...
SATIA-119C6A-WFB1 SUNTSU-SATIA-119C6A-WFB1 Datasheet
436Kb / 3P
Bluetooth & IEEE 802.11a/b/g
logo
Advantech Co., Ltd.
EKI-6311GN ADVANTECH-EKI-6311GN Datasheet
275Kb / 2P
IEEE 802.11 b/g/n Wi-Fi AP/Client
5-May-2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com