Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWK-3131A-RCC Datasheet(PDF) 5 Page - Moxa Inc.

Part # AWK-3131A-RCC
Description  Industrial IEEE 802.11a/b/g/n wireless AP/client
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

AWK-3131A-RCC Datasheet(HTML) 5 Page - Moxa Inc.

  AWK-3131A-RCC Datasheet HTML 1Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 2Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 3Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 4Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 5Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 6Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.moxa.com
5
Ethernet Interface
PoE Ports (10/100/1000BaseT(X), M12 A-coded 8-
pin female connector)
1
Standards
IEEE 802.3 for 10BaseT
IEEE 802.3u for 100BaseT(X)
IEEE 802.3ab for 1000BaseT
IEEE 802.3af for PoE
IEEE 802.1Q for VLAN Tagging
10/100/1000BaseT(X) Ports (M12 A-coded 8-pin
female connector)
1, M12 A-coded 8-pin female connector, 10/100/1000BaseT(X) auto negotiation speed,
F/H duplex mode, auto MDI/MDI-X connection
Ethernet Software Features
Management
General: Proxy ARP, DNS, HTTP, HTTPS, IP, ICMP, SNTP, TCP, UDP, RADIUS, SNMP,
DHCP
AP-only: ARP, BOOTP, DHCP
Security
RADIUS
Firewall
Filter
MAC/IP Protocol/Port-based
Serial Interface
Console Port
RS-232 (RJ45-type)
LED Interface
LED Indicators
PWR1, PWR2, PoE, FAULT, STATE, SIGNAL, Client, WLAN, LAN
Input/Output Interface
Digital Inputs
2
+13 to +30 V for state 1
+3 to -30 V for state 0
Max. input current: 8 mA
Alarm Contact Channels
Relay output with current carrying capacity of 1 A @ 24 VDC
Buttons
Reset button
Physical Characteristics
Housing
Metal
IP Rating
IP30
Dimensions
52.9 x 151.9 x 127.4 mm (2.08 x 5.98 x 5.02 in)
Weight
850 g (1.87 lb)
Installation
DIN-rail mounting, Wall mounting (with optional kit)
Protection
AWK-3131A-M12-RCC-US-CT-T: PCB conformal coating
AWK-3131A-M12-RCC-JP-CT-T: PCB conformal coating
AWK-3131A-M12-RCC-EU-CT: PCB conformal coating
AWK-3131A-M12-RCC-JP-CT: PCB conformal coating
AWK-3131A-M12-RCC-US-CT: PCB conformal coating
AWK-3131A-M12-RCC-EU-CT-T: PCB conformal coating
Power Parameters
Input Current
0.67 A @ 12 VDC, 0.17 A @ 48 VDC
Input Voltage
12 to 48 VDC, Redundant dual inputs, 48 VDC Power-over-Ethernet
Power Connector
1 removable 10-contact terminal block(s)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com