Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWK-3131A-RCC Datasheet(PDF) 7 Page - Moxa Inc.

Part # AWK-3131A-RCC
Description  Industrial IEEE 802.11a/b/g/n wireless AP/client
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

AWK-3131A-RCC Datasheet(HTML) 7 Page - Moxa Inc.

  AWK-3131A-RCC Datasheet HTML 1Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 2Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 3Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 4Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 5Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 6Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.moxa.com
7
Dimensions
Ordering Information
Model Name
Band
Operating Temperature (-40 to 75°C)
Conformal Coating
AWK-3131A-M12-RCC-US
US
-25 to 60°C
–
AWK-3131A-M12-RCC-EU
EU
-25 to 60°C
–
AWK-3131A-M12-RCC-JP
JP
-25 to 60°C
–
AWK-3131A-M12-RCC-US-T
US
-40 to 75°C
–
AWK-3131A-M12-RCC-EU-T
EU
-40 to 75°C
–
AWK-3131A-M12-RCC-JP-T
JP
-40 to 75°C
–
AWK-3131A-M12-RCC-US-CT
US
-25 to 60°C
✓
AWK-3131A-M12-RCC-EU-CT
EU
-25 to 60°C
✓
AWK-3131A-M12-RCC-JP-CT
JP
-25 to 60°C
✓
AWK-3131A-M12-RCC-US-CT-T
US
-40 to 75°C
✓
AWK-3131A-M12-RCC-EU-CT-T
EU
-40 to 75°C
✓
AWK-3131A-M12-RCC-JP-CT-T
JP
-40 to 75°C
✓
Accessories (sold separately)
Wall-Mounting Kits
WK-51-01
Wall-mounting kit, 2 plates, 6 screws, 51.6 x 67 x 2 mm
© Moxa Inc. All rights reserved. Updated Aug 20, 2019.
This document and any portion thereof may not be reproduced or used in any manner whatsoever without the express written permission of
Moxa Inc. Product specifications subject to change without notice. Visit our website for the most up-to-date product information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com