Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWK-3131A-RCC Datasheet(PDF) 3 Page - Moxa Inc.

Part # AWK-3131A-RCC
Description  Industrial IEEE 802.11a/b/g/n wireless AP/client
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

AWK-3131A-RCC Datasheet(HTML) 3 Page - Moxa Inc.

  AWK-3131A-RCC Datasheet HTML 1Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 2Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 3Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 4Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 5Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 6Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.moxa.com
3
21±1.5 dBm @ 36 Mbps
19±1.5 dBm @ 48 Mbps
18±1.5 dBm @ 54 Mbps
Transmitter Power for 802.11n (2.4 GHz)
23±1.5 dBm @ MCS0 20 MHz
21±1.5 dBm @ MCS1 20 MHz
21±1.5 dBm @ MCS2 20 MHz
21±1.5 dBm @ MCS3 20 MHz
20±1.5 dBm @ MCS4 20 MHz
19±1.5 dBm @ MCS5 20 MHz
18±1.5 dBm @ MCS6 20 MHz
18±1.5 dBm @ MCS7 20 MHz
23±1.5 dBm @ MCS8 20 MHz
21±1.5 dBm @ MCS9 20 MHz
21±1.5 dBm @ MCS10 20 MHz
21±1.5 dBm @ MCS11 20 MHz
20±1.5 dBm @ MCS12 20 MHz
19±1.5 dBm @ MCS13 20 MHz
18±1.5 dBm @ MCS14 20 MHz
18±1.5 dBm @ MCS15 20 MHz
23±1.5 dBm @ MCS0 40 MHz
20±1.5 dBm @ MCS1 40 MHz
20±1.5 dBm @ MCS2 40 MHz
20±1.5 dBm @ MCS3 40 MHz
19±1.5 dBm @ MCS4 40 MHz
19±1.5 dBm @ MCS5 40 MHz
18±1.5 dBm @ MCS6 40 MHz
17±1.5 dBm @ MCS7 40 MHz
23±1.5 dBm @ MCS8 40 MHz
20±1.5 dBm @ MCS9 40 MHz
20±1.5 dBm @ MCS10 40 MHz
20±1.5 dBm @ MCS11 40 MHz
20±1.5 dBm @ MCS12 40 MHz
19±1.5 dBm @ MCS13 40 MHz
18±1.5 dBm @ MCS14 40 MHz
17±1.5 dBm @ MCS15 40 MHz
Receiver Sensitivity for 802.11a (measured at 5.680
GHz)
Typ. -90 @ 6 Mbps
Typ. -88 @ 9 Mbps
Typ. -88 @ 12 Mbps
Typ. -85 @ 18 Mbps
Typ. -81 @ 24 Mbps
Typ. -78 @ 36 Mbps
Typ. -74 @ 48 Mbps
Typ. -74 @ 54 Mbps
Note4
Receiver Sensitivity for 802.11n (5 GHz; measured at
5.680 GHz)
Typ. -88 dBm @ MCS0 20 MHz
Typ. -85 dBm @ MCS1 20 MHz
Typ. -82 dBm @ MCS2 20 MHz
Typ. -79 dBm @ MCS3 20 MHz
Typ. -76 dBm @ MCS4 20 MHz
Typ. -71 dBm @ MCS5 20 MHz
Typ. -70 dBm @ MCS6 20 MHz
Typ. -69 dBm @ MCS7 20 MHz
Typ. -95 dBm @ MCS8 20 MHz
Typ. -91 dBm @ MCS9 20 MHz
Typ. -87 dBm @ MCS10 20 MHz
Typ. -80 dBm @ MCS11 20 MHz
Typ. -78 dBm @ MCS12 20 MHz
Typ. -74 dBm @ MCS13 20 MHz
Typ. -72 dBm @ MCS14 20 MHz
Typ. -71 dBm @ MCS15 20 MHz
Typ. -84 dBm @ MCS0 40 MHz
Typ. -81 dBm @ MCS1 40 MHz
Typ. -77 dBm @ MCS2 40 MHz
Typ. -75 dBm @ MCS3 40 MHz
Typ. -71 dBm @ MCS4 40 MHz
Typ. -67 dBm @ MCS5 40 MHz
Typ. -64 dBm @ MCS6 40 MHz
Typ. -63 dBm @ MCS7 40 MHz
4.
Due to a limitation in the receiver sensitivity performance for channels 153 and 161, it is recommended to avoid using these channels in your critical applications.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com