Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWK-3131A-RCC Datasheet(PDF) 2 Page - Moxa Inc.

Part # AWK-3131A-RCC
Description  Industrial IEEE 802.11a/b/g/n wireless AP/client
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOXA [Moxa Inc.]
Direct Link  https://www.moxa.com/
Logo MOXA - Moxa Inc.

AWK-3131A-RCC Datasheet(HTML) 2 Page - Moxa Inc.

  AWK-3131A-RCC Datasheet HTML 1Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 2Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 3Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 4Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 5Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 6Page - Moxa Inc. AWK-3131A-RCC Datasheet HTML 7Page - Moxa Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.moxa.com
2
5.180 to 5.240 GHz (4 channels)
5.260 to 5.320 GHz (4 channels)2
5.500 to 5.700 GHz (8 channels) excluding 5.600 to 5.640 GHz3
5.745 to 5.825 GHz (5 channels)
Frequency Band for EU (20 MHz operating channels)
2.412 to 2.472 GHz (13 channels)
5.180 to 5.240 GHz (4 channels)
5.260 to 5.320 GHz (4 channels)2
5.500 to 5.700 GHz (11 channels)3
Frequency Band for JP (20 MHz operating channels)
2.412 to 2.484 GHz (14 channels)
5.180 to 5.240 GHz (4 channels)
5.260 to 5.320 GHz (4 channels)2
5.500 to 5.700 GHz (11 channels)2
Wireless Security
SSID broadcast enable/disable
WEP encryption (64-bit and 128-bit)
WPA/WPA2-Personal
WPA/WPA2-Enterprise (IEEE 802.1X/RADIUS, TKIP, AES)
Transmission Rate
802.11b: 1 to 11 Mbps
802.11a/g: 6 to 54 Mbps
802.11n: 6.5 to 300 Mbps
Transmitter Power for 802.11a
23±1.5 dBm @ 6 to 24 Mbps
21±1.5 dBm @ 36 Mbps
20±1.5 dBm @ 48 Mbps
18±1.5 dBm @ 54 Mbps
Transmitter Power for 802.11n (5 GHz)
23±1.5 dBm @ MCS0 20 MHz
20±1.5 dBm @ MCS1 20 MHz
20±1.5 dBm @ MCS2 20 MHz
20±1.5 dBm @ MCS3 20 MHz
19±1.5 dBm @ MCS4 20 MHz
18±1.5 dBm @ MCS5 20 MHz
18±1.5 dBm @ MCS6 20 MHz
18±1.5 dBm @ MCS7 20 MHz
23±1.5 dBm @ MCS8 20 MHz
20±1.5 dBm @ MCS9 20 MHz
20±1.5 dBm @ MCS10 20 MHz
20±1.5 dBm @ MCS11 20 MHz
19±1.5 dBm @ MCS12 20 MHz
19±1.5 dBm @ MCS13 20 MHz
18±1.5 dBm @ MCS14 20 MHz
18±1.5 dBm @ MCS15 20 MHz
23±1.5 dBm @ MCS0 40 MHz
20±1.5 dBm @ MCS1 40 MHz
20±1.5 dBm @ MCS2 40 MHz
20±1.5 dBm @ MCS3 40 MHz
19±1.5 dBm @ MCS4 40 MHz
18±1.5 dBm @ MCS5 40 MHz
18±1.5 dBm @ MCS6 40 MHz
18±1.5 dBm @ MCS7 40 MHz
23±1.5 dBm @ MCS8 40 MHz
20±1.5 dBm @ MCS9 40 MHz
20±1.5 dBm @ MCS10 40 MHz
20±1.5 dBm @ MCS11 40 MHz
19±1.5 dBm @ MCS12 40 MHz
19±1.5 dBm @ MCS13 40 MHz
18±1.5 dBm @ MCS14 40 MHz
18±1.5 dBm @ MCS15 40 MHz
Transmitter Power for 802.11b
26±1.5 dBm @ 1 Mbps
26±1.5 dBm @ 2 Mbps
26±1.5 dBm @ 5.5 Mbps
25±1.5 dBm @ 11 Mbps
Transmitter Power for 802.11g
23±1.5 dBm @ 6 to 24 Mbps
2.
DFS (Dynamic Frequency Selection) channel support: In AP mode, when a radar signal is detected, the device will automatically switch to another channel.
However, according to regulations, after switching channels, a 60-second availability check period is required before starting the service.
3.
DFS (Dynamic Frequency Selection) channel support: In AP mode, when a radar signal is detected, the device will automatically switch to another channel.
However according to regulations, after switching channels, a 60-second availability check period is required before starting the service.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com