Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 28 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 24Page - Texas Instruments XIO2001IPNP Datasheet HTML 25Page - Texas Instruments XIO2001IPNP Datasheet HTML 26Page - Texas Instruments XIO2001IPNP Datasheet HTML 27Page - Texas Instruments XIO2001IPNP Datasheet HTML 28Page - Texas Instruments XIO2001IPNP Datasheet HTML 29Page - Texas Instruments XIO2001IPNP Datasheet HTML 30Page - Texas Instruments XIO2001IPNP Datasheet HTML 31Page - Texas Instruments XIO2001IPNP Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 144 page
background image
28
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Table 2. XIO2001/PCI Express Device Pin Connection Details
PIN NAME
COMMENTS
XIO2001
UPSTREAM PCI
EXPRESS DEVICE
TXP
RXP
XIO2001's transmit positive differential pin connects to the upstream device's receive
positive differential pin.
TXN
RXN
XIO2001's transmit positive differential pin connects to the upstream device's receive
negative differential pin.
RXP
TXP
XIO2001's transmit positive differential pin connects to the upstream device's receive
positive differential pin.
RXN
TXN
XIO2001's transmit positive differential pin connects to the upstream device's receive
negative differential pin.
The XIO2001 TXP and TXN terminals comprise a low-voltage, 100-
Ω differentially driven signal pair. The RXP
and RXN terminals for the XIO2001 receive a low-voltage, 100-
Ω differentially driven signal pair. The XIO2001
has integrated 50-
Ω termination resistors to VSS on both the RXP and RXN terminals eliminating the need for
external components.
Each lane of the differential signal pair must be ac-coupled. The recommended value for the series capacitor is
0.1
μF. To minimize stray capacitance associated with the series capacitor circuit board solder pads, 0402-sized
capacitors are recommended.
When routing a 2.5-Gb/s low-voltage, 100-
Ω differentially driven signal pair, the following circuit board design
guidelines must be considered:
1. The PCI-Express drivers and receivers are designed to operate with adequate bit error rate margins over a
20 ” maximum length signal pair routed through FR4 circuit board material.
2. Each differential signal pair must be 100-
Ω differential impedance with each single-ended lane measuring in
the range of 50
Ω to 55 Ω impedance to ground.
3. The differential signal trace lengths associated with a PCI Express high-speed link must be length matched
to minimize signal jitter. This length matching requirement applies only to the P and N signals within a
differential pair. The transmitter differential pair does not need to be length matched to the receiver
differential pair. The absolute maximum trace length difference between the TXP signal and TXN signal must
be less than 5 mils. This also applies to the RXP and RXN signal pair.
4. If a differential signal pair is broken into segments by vias, series capacitors, or connectors, the length of the
positive signal trace must be length matched to the negative signal trace for each segment. Trace length
differences over all segments are additive and must be less than 5 mils.
5. The location of the series capacitors is critical. For add-in cards, the series capacitors are located between
the TXP/TXN terminals and the PCI-Express connector. In addition, the capacitors are placed near the PCI
Express connector. This translates to two capacitors on the motherboard for the downstream link and two
capacitors on the add-in card for the upstream link. If both the upstream device and the downstream device
reside on the same circuit board, the capacitors are located near the TXP/TXN terminals for each link.
6. The number of vias must be minimized. Each signal trace via reduces the maximum trace length by
approximately 2 inches. For example: if 6 vias are needed, the maximum trace length is 8 inches.
7. When routing a differential signal pair, 45 degree angles are preferred over 90 degree angles. Signal trace
length matching is easier with 45-degree angles and overall signal trace length is reduced.
8. The differential signal pairs must not be routed over gaps in the power planes or ground planes. This causes
impedance mismatches.
9. If vias are used to change from one signal layer to another signal layer, it is important to maintain the same
50-
Ω impedance reference to the ground plane. Changing reference planes causes signal trace impedance
mismatches. If changing reference planes cannot be prevented, bypass capacitors connecting the two
reference planes next to the signal trace vias will help reduce the impedance mismatch.
10. If possible, the differential signal pairs must be routed on the top and bottom layers of a circuit board. Signal
propagation speeds are faster on external signal layers.
8.3.2.2 Transmitter Reference Resistor
The REF0_PCIE and REF1_PCIE terminals connect to an external resistor to set the drive current for the PCI
Express TX driver. The recommended resistor value is 14,532
Ω with 1% tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com