Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 13 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 9Page - Texas Instruments XIO2001IPNP Datasheet HTML 10Page - Texas Instruments XIO2001IPNP Datasheet HTML 11Page - Texas Instruments XIO2001IPNP Datasheet HTML 12Page - Texas Instruments XIO2001IPNP Datasheet HTML 13Page - Texas Instruments XIO2001IPNP Datasheet HTML 14Page - Texas Instruments XIO2001IPNP Datasheet HTML 15Page - Texas Instruments XIO2001IPNP Datasheet HTML 16Page - Texas Instruments XIO2001IPNP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 144 page
background image
13
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Pin Functions (continued)
SIGNAL
ZGU
BALL
NO.
ZAJ
BALL NO.
PNP
PIN NO.
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
JTAG_TRST
L09
L09
60
I
LV
CMOS
VDD_33
Optional
pullup
resistor
JTAG test reset. This terminal provides Optional
for asynchronous initialization of the TAP
controller.
Note: This terminal has an internal active
pullup resistor. The pullup is active at all
times.
Note: This terminal should be tied to
ground or pulled low if JTAG is not
required.
Miscellaneous Pins
SIGNAL
ZGU
BALL
NO.
ZAJ
BALL
NO.
PNP
PIN
NO.
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
CLKRUN_
EN
A13
C11
96
I
LV
CMOS
VDD_33
Optional
pullup/
pulldown
resistor
Clock run enable
0 = Clock run support disabled
1 = Clock run support enabled
EXT_ARB_EN
C10
A12
97
I
LV
CMOS
VDD_33
Optional
pullup/
pulldown
resistor
External arbiter enable
0 = Internal arbiter enabled
1 = External arbiter enabled
GPIO0 //
CLKRUN
N09
N09
55
I/O
LV
CMOS
VDD_33
Optional pullup
resistor
General-purpose I/O 0/clock run. This
terminal functions as a GPIO controlled
by bit 0 (GPIO0_DIR) in the GPIO
control
register
(see
GPIO
Control
Register) or the clock run terminal. This
terminal is used as clock run input when
the bridge is placed in clock run mode.
Note: In clock run mode, an external
pullup resistor is required to prevent the
CLKRUN signal from floating.
Note: This terminal has an internal
active pullup resistor. The pullup is only
active when reset is asserted or when
the GPIO is configured as an input.
GPIO1 // PWR_
OVRD
M09
M09
56
I/O
LV
CMOS
VDD_33
–
General-purpose I/O 1/power override.
This terminal functions as a GPIO
controlled by bit 1 (GPIO1_DIR) in the
GPIO control register (see GPIO Control
Register) or the power override output
terminal. GPIO1 becomes PWR_OVRD
when bits 22:20 (POWER_OVRD) in the
general control register are set to 001b
or 011b (see General Control Register).
Note: This terminal has an internal
active pullup resistor. The pullup is only
active when reset is asserted or when
the GPIO is configured as an input.
GPIO2
N10
N10
57
I/O
LV
CMOS
VDD_33
–
General-purpose I/O 2. This terminal
functions as a GPIO controlled by bit 2
(GPIO2_DIR)
in
the
GPIO
control
register (see GPIO Control Register).
Note: This terminal has an internal
active pullup resistor. The pullup is only
active when reset is asserted or when
the GPIO is configured as an input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com