Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 40 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 36Page - Texas Instruments XIO2001IPNP Datasheet HTML 37Page - Texas Instruments XIO2001IPNP Datasheet HTML 38Page - Texas Instruments XIO2001IPNP Datasheet HTML 39Page - Texas Instruments XIO2001IPNP Datasheet HTML 40Page - Texas Instruments XIO2001IPNP Datasheet HTML 41Page - Texas Instruments XIO2001IPNP Datasheet HTML 42Page - Texas Instruments XIO2001IPNP Datasheet HTML 43Page - Texas Instruments XIO2001IPNP Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 144 page
background image
40
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
To access the serial EEPROM through the software interface, the following steps are performed:
1. The control and status byte is read to verify the EEPROM interface is enabled (SBDETECT asserted) and
not busy (REQBUSY and ROMBUSY deasserted).
2. The serial-bus word address is loaded. If the access is a write, then the data byte is also loaded.
3. The serial-bus slave address and R/W command selector byte is written.
4. REQBUSY is monitored until this bit is deasserted.
5. SB_ERR is checked to verify that the serial-bus operation completed without error. If the operation is a read,
then the serial-bus data byte is now valid.
8.3.9 Advanced Error Reporting Registers
In the extended PCI Express configuration space, the bridge supports the advanced error reporting capabilities
structure. For the PCI Express interface, both correctable and uncorrectable error statuses are provided. For the
PCI bus interface, secondary uncorrectable error status is provided. All uncorrectable status bits have
corresponding mask and severity control bits. For correctable status bits, only mask bits are provided.
Both the primary and secondary interfaces include first error pointer and header log registers. When the first error
is detected, the corresponding bit position within the uncorrectable status register is loaded into the first error
pointer register. Likewise, the header information associated with the first failing transaction is loaded into the
header log. To reset this first error control logic, the corresponding status bit in the uncorrectable status register
is cleared by a writeback of 1b.
For systems that require high data reliability, ECRC is fully supported on the PCI Express interface. The primary
side advanced error capabilities and control register has both ECRC generation and checking enable control bits.
When the checking bit is asserted, all received TLPs are checked for a valid ECRC field. If the generation bit is
asserted, then all transmitted TLPs contain a valid ECRC field.
8.3.10 Data Error Forwarding Capability
The bridge supports the transfer of data errors in both directions.
If a downstream PCI Express transaction with a data payload is received that targets the internal PCI bus and
the EP bit is set indicating poisoned data, then the bridge must ensure that this information is transferred to the
PCI bus. To do this, the bridge forces a parity error on each PCI bus data phase by inverting the parity bit
calculated for each double-word of data.
If the bridge is the target of a PCI transaction that is forwarded to the PCI Express interface and a data parity
error is detected, then this information is passed to the PCI Express interface. To do this, the bridge sets the EP
bit in the upstream PCI Express header.
8.3.11 General-Purpose I/O Interface
Up to five general-purpose input/output (GPIO) terminals are provided for system customization. These GPIO
terminals are 3.3-V tolerant.
The exact number of GPIO terminals varies based on implementing the clock run, power override, and serial
EEPROM interface features. These features share four of the five GPIO terminals. When any of the three shared
functions are enabled, the associated GPIO terminal is disabled.
All five GPIO terminals are individually configurable as either inputs or outputs by writing the corresponding bit in
the GPIO control register at offset B4h (See GPIO Control Register). A GPIO data register at offset B6h exists to
either read the logic state of each GPIO input or to set the logic state of each GPIO output. The power-up default
state for the GPIO control register is input mode.
8.3.12 Set Slot Power Limit Functionality
The PCI Express Specification provides a method for devices to limit internal functionality and save power based
on the value programmed into the captured slot power limit scale (CSPLS) and capture slot power limit value
(CSPLV) fields of the PCI Express device capabilities register at offset 74h. See Device Capabilities Register,
Device Capabilities Register, for details. The bridge writes these fields when a set slot power limit message is
received on the PCI Express interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com