Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001IPNP Datasheet(HTML) 5 Page - Texas Instruments

  XIO2001IPNP Datasheet HTML 1Page - Texas Instruments XIO2001IPNP Datasheet HTML 2Page - Texas Instruments XIO2001IPNP Datasheet HTML 3Page - Texas Instruments XIO2001IPNP Datasheet HTML 4Page - Texas Instruments XIO2001IPNP Datasheet HTML 5Page - Texas Instruments XIO2001IPNP Datasheet HTML 6Page - Texas Instruments XIO2001IPNP Datasheet HTML 7Page - Texas Instruments XIO2001IPNP Datasheet HTML 8Page - Texas Instruments XIO2001IPNP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 144 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
N
N
M
M
L
L
K
K
J
J
H
H
G
G
F
F
E
AD15
AD14
AD13
VDD_ 33
VS S
VS S
VS S
VS S
VS S
VS S A
VS S A
R XN
R XP
E
D
D
C
C
B
B
A
A
1
2
3
4
5
6
7
8
9
10
11
12
13
C /B E [3]
AD25
AD27
AD30
AD31
INTB
P R S T
S E R IR Q
G P IO0//
G P IO2
G P IO3//S DA
J TAG_ TDI
G R S T
N
AD20
AD22
AD24
AD26
AD28
INT A
INT C
L OC K
G P IO1//
G P IO4//
J TAG _ T DO
J T AG _ TC K
WAKE
M
L
K
J
H
S T OP
P E R R
S E R R #
VDD_ 15
VS S
VS S
VS S
VS S
VS S
VDD_ 15
VS S A
TXN
TXP
G
F
P AR
C /BE [1]
C L K
VS S
VS S
VS S
VS S
VS S
VS S
VDD_15_PLL
VS S
VS S
VDDA_ 15
F
E
AD12
AD11
AD8
VS S
VDD_ 33
VS S
VDD_ 15
VS S
VDD_ 33
VS S
C L KR E Q
VR E G _ P D33
VDDA_ 33
D
_ S E L
C
B
PCIR
AD4
AD1
R E Q0
G NT0
R E Q1
C L KOUT 2
R E Q2
C L KOUT4
C L KOUT5
G NT4
R E Q5
C L KR UN_ E N
A
AD16
AD17
PCIR
VS S
VS S
VS S
VDD_ 15
VS S
VDD_ 33
VS S A
VDD_ 33_
R E F 0_ P C IE
R E F 1_ P C IE
IR DY
F R AME
C /BE [2]
VDD_ 33
VS S
VS S
VS S
VS S
VS S
VS S
VDD_ 33_
VDD_ 33
VDD_ 33_
TR DY
DE VS E L
VDD_ 33
VS S
VS S
VS S
VS S
VS S
VS S
VDD_ 15
P E R S T
VS S A
VDDA_ 15
C LK R UN
AD10
AD9
AD7
AD5
AD0
G NT 1
VDD_ 33
R E Q3
R E Q4
E XT_ AR B_ E N
VS S A
R E F C L K–
R E F C L K+
C /BE [0]
AD6
AD3
AD2
C L KOUT0
C LK OUT1
C LK OUT3
G NT2
G NT3
G NT5
C LK OUT6
P C LK 66_ S E L R E F C L K125
AUX
C OMB
C OMB_ IO
AD18
AD19
AD21
AD23
AD29
M66E N
INTD
VDD_ 33
J T AG _
J TAG _ TMS
VS S
P ME
VDD_ 15_
T R S T #
C OMB
P WR _ OVR D
S C L
5
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
5.1 Pin Assignments
The XIO2001 is available in either a 169-ball ZGU MicroStar BGA or a 144
−ball ZAJ MicroStar BGA package.
Figure 1 shows a pin diagram of the ZGU package.
Figure 2 shows a pin diagram of the ZAJ package.
Figure 3 shows a pin diagram of the PNP package.
Figure 1. XIO2001 ZGU MicroStar BGA Package (Bottom View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com